Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32H750VB Datasheet(PDF) 63 Page - STMicroelectronics

Part # STM32H750VB
Description  32-bit Arm® Cortex®-M7 480MHz MCUs, 128 Kbyte Flash, 1 Mbyte RAM, 46 com. and analog interfaces, crypto
PDF  335 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H750VB Datasheet(HTML) 63 Page - STMicroelectronics

Back Button STM32H750VB Datasheet HTML 59Page - STMicroelectronics STM32H750VB Datasheet HTML 60Page - STMicroelectronics STM32H750VB Datasheet HTML 61Page - STMicroelectronics STM32H750VB Datasheet HTML 62Page - STMicroelectronics STM32H750VB Datasheet HTML 63Page - STMicroelectronics STM32H750VB Datasheet HTML 64Page - STMicroelectronics STM32H750VB Datasheet HTML 65Page - STMicroelectronics STM32H750VB Datasheet HTML 66Page - STMicroelectronics STM32H750VB Datasheet HTML 67Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 335 page
background image
DS12556 Rev 5
63/334
STM32H750VB STM32H750ZB STM32H750IB STM32H750XB
Pin descriptions
93
-
-
G4
44
P2
PH3
I/O
FT_ha
-
QUADSPI_BK2_IO1,
SAI2_MCLK_B, ETH_MII_COL,
FMC_SDNE0, LCD_R1,
EVENTOUT
ADC3_
INN13,
ADC3_
INP14
-
-
H4
45
P3
PH4
I/O
FT_fa
-
I2C2_SCL, LCD_G5,
OTG_HS_ULPI_NXT, LCD_G4,
EVENTOUT
ADC3_
INN14,
ADC3_
INP15
-
-
J4
46
P4
PH5
I/O
FT_fa
-
I2C2_SDA, SPI5_NSS,
FMC_SDNWE, EVENTOUT
ADC3_
INN15,
ADC3_
INP16
25
37
R2
47
U2
PA3
I/O
FT_ha
-
TIM2_CH4, TIM5_CH4,
LPTIM5_OUT, TIM15_CH2,
USART2_RX, LCD_B2,
OTG_HS_ULPI_D0,
ETH_MII_COL, LCD_B5,
EVENTOUT
ADC12_
INP15
26
38
K6
-
F2(4)
VSS
S
-
-
-
-
-
-
L4
48
-
VSS
S
-
-
-
-
27
39
K4
49
G5
VDD
S
-
-
-
-
28
40
N4
50
U3
PA4
I/O
TT_a
-
D1PWREN, TIM5_ETR,
SPI1_NSS/I2S1_WS,
SPI3_NSS/I2S3_WS,
USART2_CK, SPI6_NSS,
OTG_HS_SOF, DCMI_HSYNC,
LCD_VSYNC, EVENTOUT
ADC12_
INP18,
DAC1_
OUT1
29
41
P4
51
T3
PA5
I/O
TT_ha
-
D2PWREN,
TIM2_CH1/TIM2_ETR,
TIM8_CH1N, SPI1_SCK/I2S1_CK,
SPI6_SCK, OTG_HS_ULPI_CK,
LCD_R4, EVENTOUT
ADC12_
INN18,
ADC12_
INP19,
DAC1_
OUT2
30
42
P3
52
R3
PA6
I/O
FT_a
-
TIM1_BKIN, TIM3_CH1,
TIM8_BKIN,
SPI1_MISO/I2S1_SDI,
SPI6_MISO, TIM13_CH1,
TIM8_BKIN_COMP12,
MDIOS_MDC,
TIM1_BKIN_COMP12,
DCMI_PIXCLK, LCD_G2,
EVENTOUT
ADC12_
INP3
Table 7. STM32H750xB pin/ball definition (continued)
Pin/ball name
Pin name
(function after
reset)
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com