Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32H750VB Datasheet(PDF) 68 Page - STMicroelectronics

Part # STM32H750VB
Description  32-bit Arm® Cortex®-M7 480MHz MCUs, 128 Kbyte Flash, 1 Mbyte RAM, 46 com. and analog interfaces, crypto
PDF  335 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H750VB Datasheet(HTML) 68 Page - STMicroelectronics

Back Button STM32H750VB Datasheet HTML 64Page - STMicroelectronics STM32H750VB Datasheet HTML 65Page - STMicroelectronics STM32H750VB Datasheet HTML 66Page - STMicroelectronics STM32H750VB Datasheet HTML 67Page - STMicroelectronics STM32H750VB Datasheet HTML 68Page - STMicroelectronics STM32H750VB Datasheet HTML 69Page - STMicroelectronics STM32H750VB Datasheet HTML 70Page - STMicroelectronics STM32H750VB Datasheet HTML 71Page - STMicroelectronics STM32H750VB Datasheet HTML 72Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 335 page
background image
Pin descriptions
STM32H750VB STM32H750ZB STM32H750IB STM32H750XB
68/334
DS12556 Rev 5
53
75
R14
94
U15
PB14
I/O
FT_u
-
TIM1_CH2N, TIM12_CH1,
TIM8_CH2N, USART1_TX,
SPI2_MISO/I2S2_SDI,
DFSDM1_DATIN2,
USART3_RTS/USART3_DE,
UART4_RTS/UART4_DE,
SDMMC2_D0, OTG_HS_DM,
EVENTOUT
-
54
76
R15
95
T15
PB15
I/O
FT_u
-
RTC_REFIN, TIM1_CH3N,
TIM12_CH2, TIM8_CH3N,
USART1_RX,
SPI2_MOSI/I2S2_SDO,
DFSDM1_CKIN2, UART4_CTS,
SDMMC2_D1, OTG_HS_DP,
EVENTOUT
-
55
77
P15
96
U16
PD8
I/O
FT_h
-
DFSDM1_CKIN3, SAI3_SCK_B,
USART3_TX, SPDIFRX1_IN2,
FMC_D13/FMC_DA13,
EVENTOUT
-
56
78
P14
97
T17
PD9
I/O
FT_h
-
DFSDM1_DATIN3, SAI3_SD_B,
USART3_RX,
FDCAN2_RXFD_MODE,
FMC_D14/FMC_DA14,
EVENTOUT
-
57
79
N15
98
T16
PD10
I/O
FT_h
-
DFSDM1_CKOUT, SAI3_FS_B,
USART3_CK,
FDCAN2_TXFD_MODE,
FMC_D15/FMC_DA15, LCD_B3,
EVENTOUT
-
-
-
-
-
N12
VDD
S
-
-
-
-
-
-
F9
-
U17
VSS
S
-
-
-
-
58
80
N14
99
R15
PD11
I/O
FT_h
-
LPTIM2_IN2, I2C4_SMBA,
USART3_CTS/USART3_NSS,
QUADSPI_BK1_IO0, SAI2_SD_A,
FMC_A16, EVENTOUT
-
59
81
N13
100
R16
PD12
I/O
FT_fh
-
LPTIM1_IN1, TIM4_CH1,
LPTIM2_IN1, I2C4_SCL,
USART3_RTS/USART3_DE,
QUADSPI_BK1_IO1, SAI2_FS_A,
FMC_A17, EVENTOUT
-
60
82
M15
101
R17
PD13
I/O
FT_fh
-
LPTIM1_OUT, TIM4_CH2,
I2C4_SDA, QUADSPI_BK1_IO3,
SAI2_SCK_A, FMC_A18,
EVENTOUT
-
Table 7. STM32H750xB pin/ball definition (continued)
Pin/ball name
Pin name
(function after
reset)
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com