Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32H750VB Datasheet(PDF) 268 Page - STMicroelectronics

Part # STM32H750VB
Description  32-bit Arm® Cortex®-M7 480MHz MCUs, 128 Kbyte Flash, 1 Mbyte RAM, 46 com. and analog interfaces, crypto
PDF  335 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H750VB Datasheet(HTML) 268 Page - STMicroelectronics

Back Button STM32H750VB Datasheet HTML 264Page - STMicroelectronics STM32H750VB Datasheet HTML 265Page - STMicroelectronics STM32H750VB Datasheet HTML 266Page - STMicroelectronics STM32H750VB Datasheet HTML 267Page - STMicroelectronics STM32H750VB Datasheet HTML 268Page - STMicroelectronics STM32H750VB Datasheet HTML 269Page - STMicroelectronics STM32H750VB Datasheet HTML 270Page - STMicroelectronics STM32H750VB Datasheet HTML 271Page - STMicroelectronics STM32H750VB Datasheet HTML 272Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 268 / 335 page
background image
Electrical characteristics (rev V)
STM32H750VB STM32H750ZB STM32H750IB STM32H750XB
268/334
DS12556 Rev 5
7.3.20
16-bit ADC characteristics
Unless otherwise specified, the parameters given in Table 182 are derived from tests
performed under the ambient temperature, fPCLK2 frequency and VDDA supply voltage
conditions summarized in Table 120: General operating conditions.
Table 182. ADC characteristics(1)(2)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDDA
Analog supply
voltage for ADC
ON
-1.62
-
3.6
V
VREF+
Positive reference
voltage
-1.62
-
VDDA
V
VREF-
Negative
reference voltage
-VSSA
V
fADC
ADC clock
frequency
1.62 V ≤ VDDA ≤ 3.6 V
BOOST = 11
0.12
-
50
MHz
BOOST = 10
0.12
-
25
BOOST = 01
0.12
-
12.5
BOOST = 00
-
-
6.25
fs(3)
Sampling rate for
Direct channels(4)
Resolution = 16 bits,
VDDA >2.5 V
TJ = 90 °C
fADC=36 MHz
SMP = 1.5
-
-
3.60
MSps
Resolution = 16 bits
fADC=37 MHz
SMP = 2.5
-
-
3.35
Resolution = 14 bits
TJ = 125 °C
fADC = 50 MHz
SMP = 2.5
-
-
5.00
Resolution = 12 bits
fADC = 50 MHz
SMP = 2.5
-
-
5.50
Resolution = 10 bits
fADC = 50 MHz
SMP = 1.5
-
-
7.10
Resolution = 8 bits
fADC = 50 MHz
SMP = 1.5
-
-
8.30
Sampling rate for
Fast channels
Resolution = 16 bits,
VDDA >2.5 V
TJ = 90 °C
fADC=32 MHz
SMP = 2.5
-
-
2.90
Resolution = 16 bits
fADC=31 MHz
SMP = 2.5
-
-
2.80
Resolution = 14 bits
TJ = 125 °C
fADC = 33 MHz
SMP = 2.5
-
-
3.30
Resolution = 12 bits
fADC = 39 MHz
SMP = 2.5
-
-
4.30
Resolution = 10 bits
fADC = 48 MHz
SMP = 2.5
-
-
6.00
Resolution = 8 bits
fADC = 50 MHz
SMP = 2.5
-
-
7.10
Sampling rate for
Slow channels
Resolution = 16 bits
TJ = 90 °C
fADC = 10 MHz
SMP = 1.5
--
1.00
resolution = 14 bits
TJ = 125 °C
--
resolution = 12 bits
-
-
resolution = 10 bits
-
-
resolution = 8 bits
-
-
tTRIG
External trigger
period
Resolution = 16 bits
-
-
10
1/
fADC
VAIN(5)
Conversion
voltage range
-0
-
VREF+
V
VCMIV
Common mode
input voltage
-
VREF/2
− 10%
VREF/
2
VREF/2
+ 10%
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com