Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STSPIN32G4 Datasheet(PDF) 11 Page - STMicroelectronics

Part # STSPIN32G4
Description  High performance 3-phase motor controller with embedded STM32G4 MCU
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSPIN32G4 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STSPIN32G4 Datasheet HTML 7Page - STMicroelectronics STSPIN32G4 Datasheet HTML 8Page - STMicroelectronics STSPIN32G4 Datasheet HTML 9Page - STMicroelectronics STSPIN32G4 Datasheet HTML 10Page - STMicroelectronics STSPIN32G4 Datasheet HTML 11Page - STMicroelectronics STSPIN32G4 Datasheet HTML 12Page - STMicroelectronics STSPIN32G4 Datasheet HTML 13Page - STMicroelectronics STSPIN32G4 Datasheet HTML 14Page - STMicroelectronics STSPIN32G4 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 48 page
background image
4
Pin description
Figure 3. STSPIN32G4 pin connection
1
2
3
4
5
6
7
8
9
10
11
12
48
47
46
45
44
43
42
41
40
39
38
37
17
18
19
20
21
22
23
24
25
26
27
28
64
63
62
61
60
59
58
57
56
55
54
53
VSS
VBAT
PC13
PF1
PC3
29
30
31
32
52
51
50
49
PC2
PC1
PC0
13
14
15
16
PA3
PA2
PA1
PA0
PG10
PF0
PC15
PC14
REG3V3/VDD
PA11
PA10
OUT1
GHS3
BOOT2
OUT2
GHS2
36
35
34
33
NC
NC
BOOT3
OUT3
BOOT1
GHS1
PA8
PA9
PA12
Table 6. STSPIN32G4 pin list
N.
Name
Type
Function(1)
1
REG3V3/VDD
Power
3.3V LDO regulator output and control logic supply voltage
2
VBAT
Power
MCU backup supply
3
PC13
I/O – FT
TIM8_CH4N, EVENTOUT, WKUP2,
RTC_TAMP1, RTC_TS, RTC_OUT1
4
PC14
I/O – FT
EVENTOUT, OSC32_IN
5
PC15
I/O – FT
EVENTOUT, OSC32_OUT
6
PF0
I – FT_fa
I2C2_SDA, SPI2_NSS/I2S2_WS,
EVENTOUT, ADC1_IN10, OSC_IN
7
PF1
O – FT_a
SPI2_SCK/I2S2_CK, EVENTOUT
ADC2_IN10, COMP3_INM, OSC_OUT
8
PG10
I/O - FT
MCO, EVENTOUT, NRST
9
PC0
I/O – FT_a
LPTIM1_IN1, LPUART1_RX, EVENTOUT, ADC12_IN6, COMP3_INM
10
PC1
I/O – TT_a
LPTIM1_OUT, LPUART1_TX, SAI1_SD_A, EVENTOUT, ADC12_IN7,
COMP3_INP
11
PC2
I/O – FT_a
LPTIM1_IN2, COMP3_OUT, EVENTOUT, ADC12_IN8
12
PC3
I/O – FT_a
LPTIM1_ETR, SAI1_D1, SAI1_SD_A, EVENTOUT, ADC12_IN9
STSPIN32G4
Pin description
DS13630 - Rev 1
page 11/48



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com