Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STSPIN32G4 Datasheet(PDF) 16 Page - STMicroelectronics

Part # STSPIN32G4
Description  High performance 3-phase motor controller with embedded STM32G4 MCU
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSPIN32G4 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button STSPIN32G4 Datasheet HTML 12Page - STMicroelectronics STSPIN32G4 Datasheet HTML 13Page - STMicroelectronics STSPIN32G4 Datasheet HTML 14Page - STMicroelectronics STSPIN32G4 Datasheet HTML 15Page - STMicroelectronics STSPIN32G4 Datasheet HTML 16Page - STMicroelectronics STSPIN32G4 Datasheet HTML 17Page - STMicroelectronics STSPIN32G4 Datasheet HTML 18Page - STMicroelectronics STSPIN32G4 Datasheet HTML 19Page - STMicroelectronics STSPIN32G4 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 48 page
background image
Figure 5. VCC Buck configuration
+
L
Buck
reg.
D1
COUT
CM
VM
The output voltage can be set to different values as listed in Table 8 . The regulator works with a fixed switching
frequency of fSW,Buck and a maximum duty cycle of 90%.
A soft-start is implemented on system power-up or wake-up: the output target voltage is gradually increased up to
the target VCC in tSS,Buck time (refer to Figure 6). During the first half of tSS,Buck time the regulator works with a
fixed switching frequency of fSW,SS.
When the target output voltage is changed, a new soft-start ramp is generated with the new target voltage as final
value.
Table 8. VCC Buck regulator output voltage
VCC_VAL
VCC regulated value [V]
Note
00
8
default
01
10
10
12
11
15
Figure 6. VCC buck regulator soft-start
7/32 x VCC,mean
VCC,mean = 15 V
VCC,mean = 8 V
new VCC,mean value
7/32 x VCC,mean
tSS,Buck
tSS,Buck
It is possible to provide externally the VCC supply, bypassing the integrated regulator.
STSPIN32G4
Power management section
DS13630 - Rev 1
page 16/48



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com