Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STSPIN32G4 Datasheet(PDF) 15 Page - STMicroelectronics

Part # STSPIN32G4
Description  High performance 3-phase motor controller with embedded STM32G4 MCU
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSPIN32G4 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STSPIN32G4 Datasheet HTML 11Page - STMicroelectronics STSPIN32G4 Datasheet HTML 12Page - STMicroelectronics STSPIN32G4 Datasheet HTML 13Page - STMicroelectronics STSPIN32G4 Datasheet HTML 14Page - STMicroelectronics STSPIN32G4 Datasheet HTML 15Page - STMicroelectronics STSPIN32G4 Datasheet HTML 16Page - STMicroelectronics STSPIN32G4 Datasheet HTML 17Page - STMicroelectronics STSPIN32G4 Datasheet HTML 18Page - STMicroelectronics STSPIN32G4 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 48 page
background image
5
Device description
The STSPIN32G4 is a system-in-package embedding one MCU (STM32G431) and a triple half-bridge gate driver
suitable for high performance 3-phase brushless motor applications.
5.1
Power management section
The power management section of the device is composed by:
•
One buck regulator generating the VCC voltage (gate driver supply) from the main supply.
•
One LDO linear regulator generating 3.3 V (VREG3V3) starting from the VREGIN input voltage (ranging
between 3.3 V and 15 V).
•
One low quiescent linear regulator generating low precision 3.3 V starting from the main supply.
The VM pin is the main supply voltage of the device.
When the REG3V3 supply is below VREG3V3(On), the control logic is not operative, and the internal registers are
reset to the default.
Figure 4. Power-up sequence (REGIN shorted with VCC)
8 V
3.3 V
VM
VCC = VREGIN
VREG3V3
LS gate drivers
leave UVLO
condition
Control logic
is operative
VON,Buck
VCC(On)
7/32 x VCC
VREG3V3(On)
tSS,Buck
5.1.1
VCC buck regulator
The device integrates a buck regulator generating the supply voltage for the gate drivers (VCC) starting from the
motor supply (VM). The regulated voltage supplies the gate driving circuitry, charges the bootstrap capacitors and
supplies external circuitry with a maximum overall consumption of 200 mA.
STSPIN32G4
Device description
DS13630 - Rev 1
page 15/48



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com