Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STSPIN32G4 Datasheet(PDF) 25 Page - STMicroelectronics

Part # STSPIN32G4
Description  High performance 3-phase motor controller with embedded STM32G4 MCU
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSPIN32G4 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button STSPIN32G4 Datasheet HTML 21Page - STMicroelectronics STSPIN32G4 Datasheet HTML 22Page - STMicroelectronics STSPIN32G4 Datasheet HTML 23Page - STMicroelectronics STSPIN32G4 Datasheet HTML 24Page - STMicroelectronics STSPIN32G4 Datasheet HTML 25Page - STMicroelectronics STSPIN32G4 Datasheet HTML 26Page - STMicroelectronics STSPIN32G4 Datasheet HTML 27Page - STMicroelectronics STSPIN32G4 Datasheet HTML 28Page - STMicroelectronics STSPIN32G4 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 48 page
background image
5.2.6
Undervoltage protection
The device provides undervoltage lockout (UVLO) protections on the supply voltages of the gate drivers. When
in UVLO condition, the gate drivers keep their outputs low with the maximum current capability available. During
power-up, the device leaves the UVLO condition when the respective supply voltage rises above the turn-on
threshold. When the supply voltage is below the on-threshold voltage of a hysteresis, the UVLO condition is set.
Table 12. UVLO protection management
Block
VCC UVLO
VBOx UVLO
HS1, HS2, HS3 output
LOW(1)
LOW(1)(2)
LS1, LS2, LS3 output
LOW(1)
-
READY open-drain output
LOW(3)
1. The N-channel of the gate driver is turned ON with all the available supply voltage, refer to Figure 16.
2. Each high-side gate driver provides independent UVLO protection (e.g. UVLO on BOOT1 causes the HS1 to turn off only).
3. If VCC_UVLO_RDY is set.
5.3
Microcontroller unit
The integrated MCU is the STM32G431VBx3 with the following main characteristics:
•
Core: ARM® Cortex®-M4 32-bit CPU + FPU, frequency up to 170 MHz
•
32 kB of SRAM, 128 kB of Flash memory
•
2 x ADCs 16-bit resolution and 0.2 µs sampling time
•
4 x 12-bit DAC channels
•
4 x fast rail-to-rail comparators
•
3 x rail-to-rail operational amplifiers
•
Full set of interfaces:
•
CAN, UART, I2C, SPI
For more details refer to the STM32G431VBx3 datasheet on www.st.com
5.3.1
Memories and boot mode
The device has the following features:
•
32 kB of embedded SRAM
•
The non-volatile memory is dived into two arrays:
–
128 kB of embedded Flash memory for storing programs and data
–
Option bytes
The Flash memory embeds the error correction code (ECC) feature supporting:
•
Single error detection and correction
•
Double error detection
•
The address of the ECC fail can be read in the ECC register
•
1 kB (128 double word) OTP (one-time programmable) bytes for user data. The OTP area is available in
Bank 1 only. The OTP data cannot be erased and can be written only once.
Flexible protections can be configured thanks to the option bytes:
•
Readout-protection (RDP) to protect the whole memory with the following options:
–
Level 0: no readout protection
–
Level 1: memory readout protection; the Flash memory cannot be read from or written to if either the
debug features are connected or the boot in RAM or bootloader are selected.
–
Level 2: chip readout protection; the debug features (Cortex-M4 JTAG and serial wire), the boot in RAM
and the bootloader selection are disabled (JTAG fuse). This selection is irreversible.
•
Write protection (WRP): the protected area is protected against erasing and programming.
STSPIN32G4
Microcontroller unit
DS13630 - Rev 1
page 25/48



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com