Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W5300 Datasheet(PDF) 88 Page - WIZnet Co., Ltd

Part # W5300
Description  High-Performance Internet Connectivity Solution
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIZNET [WIZnet Co., Ltd]
Direct Link  https://www.wiznet.io/ko/Product/
Logo WIZNET - WIZnet Co., Ltd

W5300 Datasheet(HTML) 88 Page - WIZnet Co., Ltd

Back Button W5300 Datasheet HTML 84Page - WIZnet Co., Ltd W5300 Datasheet HTML 85Page - WIZnet Co., Ltd W5300 Datasheet HTML 86Page - WIZnet Co., Ltd W5300 Datasheet HTML 87Page - WIZnet Co., Ltd W5300 Datasheet HTML 88Page - WIZnet Co., Ltd W5300 Datasheet HTML 89Page - WIZnet Co., Ltd W5300 Datasheet HTML 90Page - WIZnet Co., Ltd W5300 Datasheet HTML 91Page - WIZnet Co., Ltd W5300 Datasheet HTML 92Page - WIZnet Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 128 page
background image
© Copyright 2008-2014 WIZnet Co.,Ltd.
All rights reserved.
88
Fig 6. Access to Internal TX Memory
Sn_RX_FIFOR
(SOCKETn
RX FIFO
Register)
[R/W]
[0x08230+0x40n/0x230+0x40n]
[0xUUUU]
It indirectly accesses to internal RX memory of SOCKETn.
The internal RX memory can't be directly accessed by the host, but can be accessed through
Sn_RX_FIFOR. If MR(MT) = '0', only the Host-Read of internal RX memory is allowed through
Sn_RX_FIFOR. But if MR(MT) is '1', both of Host-Read and Host-Write are allowed. It should be
set as '0' after verifying the interface between W5300 and the host s
ystem. (Refer to “How to
Test Internal TX/RX memory
”)
If the host system uses 8 bit data bus width, Sn_RX_FIFOR0 and Sn_RX_FIFOR1 should be
accessed in a pair as like Sn_TX_FIFOR. It is not allowed to access Sn_RX_FIFOR0 and
Sn_RX_FIFOR1 right after accessing Sn_TX_FIFOR0 and Sn_TX_FIFOR1. These are cause
for the incorrect read. In order to prevent this, after reading Sn_TX_FIFOR0 and
Sn_TX_FIFOR1, the host reads any register such as Sn_MR and then access Sn_RX_FIFOR.
When the host reads the received DATA packet in internal RX memory through Sn_RX_FIFOR
by 2 bytes, the low and high data in internal RX memory can be read through Sn_RX_FIFOR0
and Sn_RX_FIFOR1 respectively. The host performs RECV command after processing the
received DATA packet in internal RX memory.
According to Sn_MR(P3:P0), PACKET-INFO is added in front of all received DATA packet in
internal RX memory. The added PACKET-INFO contains the packet information such as size.
The host should process PACKET-INFO first and DATA packet later. If the size of received DATA
packet is odd number, 1 byte dummy data is added. The host should read this dummy data first
and ignore it. It is possible to check if the last byte of DATA packet is dummy or not with the size
information of PACKET-INFO.
The host sequentially processes the pairs of PACKET-INFO and DATA packet in internal RX
memory through Sn_RX_FIFOR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com