Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W5300 Datasheet(PDF) 18 Page - WIZnet Co., Ltd

Part # W5300
Description  High-Performance Internet Connectivity Solution
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIZNET [WIZnet Co., Ltd]
Direct Link  https://www.wiznet.io/ko/Product/
Logo WIZNET - WIZnet Co., Ltd

W5300 Datasheet(HTML) 18 Page - WIZnet Co., Ltd

Back Button W5300 Datasheet HTML 14Page - WIZnet Co., Ltd W5300 Datasheet HTML 15Page - WIZnet Co., Ltd W5300 Datasheet HTML 16Page - WIZnet Co., Ltd W5300 Datasheet HTML 17Page - WIZnet Co., Ltd W5300 Datasheet HTML 18Page - WIZnet Co., Ltd W5300 Datasheet HTML 19Page - WIZnet Co., Ltd W5300 Datasheet HTML 20Page - WIZnet Co., Ltd W5300 Datasheet HTML 21Page - WIZnet Co., Ltd W5300 Datasheet HTML 22Page - WIZnet Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 128 page
background image
© Copyright 2008-2014 WIZnet Co.,Ltd.
All rights reserved.
18
1.5 MII interface signal for external PHY
MII interface signals are for interfacing to external PHY instead of the internal PHY of W5300.
These signals can be used at the external PHY mode (TEST_Mode[3:0] =
“0001” or “0010”).
Refer to “1.2 Configuration Signals”.
At the internal PHY mode, just let them float because the pins except for multi-function pins are
internal pulled-down.
Symbol
Type
Description
/TXLED(MII_TXEN)
OMH
Transmit Act LED / Transmit Enable
This signal indicates the presence of transmit packet on the
MII_TXD[3:0]. It is asserted high when the first nibble data of
transmit packet is valid on MII_TXD[3:0] and is de-asserted low
after the last nibble data of transmit packet is clocked out on
MII_TXD[3:0].
/RXLED(MII_TXD3)
OM
/RXLED,/COLLED,/LEDFDX,/SPDLED / Transmit data output
The transmit packet is synchronized with MII_TXC clock and
output to external PHY in nibble unit.
MII_TXD3 is the Most Significant Bit (MSB).
/COLLED(MII_TXD2)
/FDXLED(MII_TXD1)
/SPDLED(MII_TXD0)
MII_TXC
ID
Transmit Clock Input
It is a continuous transmit clock from the external PHY. It is
25MHz at the 100BaseTX and 2.5MHz at the 10 BaseT.
Transmit clock is used as timing reference of MII_TXD[3:0] and
used for network operation clock (NIC_CLK).
Rising Edge Sensitive.
MII_CRS
IDH
Carrier Sense
It is signal to notify the link traffic of the media. If carrier of
media is not idle (carrier present), it is asserted high.
MII_COL
IDH
Collision Detect
When collision is detected on the media, it is asserted high.
It is valid at the half-duplex and ignored at the full-duplex.
Asynchronous signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com