Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W5300 Datasheet(PDF) 95 Page - WIZnet Co., Ltd

Part # W5300
Description  High-Performance Internet Connectivity Solution
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIZNET [WIZnet Co., Ltd]
Direct Link  https://www.wiznet.io/ko/Product/
Logo WIZNET - WIZnet Co., Ltd

W5300 Datasheet(HTML) 95 Page - WIZnet Co., Ltd

Back Button W5300 Datasheet HTML 91Page - WIZnet Co., Ltd W5300 Datasheet HTML 92Page - WIZnet Co., Ltd W5300 Datasheet HTML 93Page - WIZnet Co., Ltd W5300 Datasheet HTML 94Page - WIZnet Co., Ltd W5300 Datasheet HTML 95Page - WIZnet Co., Ltd W5300 Datasheet HTML 96Page - WIZnet Co., Ltd W5300 Datasheet HTML 97Page - WIZnet Co., Ltd W5300 Datasheet HTML 98Page - WIZnet Co., Ltd W5300 Datasheet HTML 99Page - WIZnet Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 128 page
background image
© Copyright 2008-2014 WIZnet Co.,Ltd.
All rights reserved.
95
{
START:
Sn_MR = 0x0001;
/* sets TCP mode */
Sn_PORTR = source_port;
/* sets source port number */
Sn_CR = OPEN;
/* sets OPEN command */
/* wait until Sn_SSR is changed to SOCK_INIT */
if (Sn_SSR != SOCK_INIT) Sn_CR = CLOSE; goto START;
}
If all data size received from the peer are even number, Sn_MR(ALIGN) can be set as '1'. In
case of Sn_MR(ALIGN) = '1', W5300 does not add the PACKET-INFO of TCP mode, and
save only DATA packet in internal RX memory of SOCKETn. This can improve the
performance by reducing the host's overhead of PACKET-INFO process. (In above code,
Sn_MR = 0x0101 can be replaced with Sn_MR = 0x0001)
LISTEN
It operates "TCP SERVER" by performing LISTEN command.
{
/* listen SOCKET */
Sn_CR = LISTEN;
/* wait until Sn_SSR is changed to SOCK_LISTEN */
if (Sn_SSR != SOCK_LISTEN) Sn_CR = CLOSE; goto START;
}
ESTABLISHED ?
When Sn_SSR is SOCK_LISTEN, if SYN packet is received then Sn_SSR is changed to
SOCK_SYNRECV. After transmitting SYN/ACK packet, the connection of SOCKETn is
established.
There are two methods to check if the connection of SOCKETn is established or not. After
establishing the connection of SOCKETn, data communication is available.
First method :
{
if (Sn_IR(CON)
== ‘1’) Sn_IR(CON) = ‘1’; goto ESTABLISHED stage;
/* In this case, if the interrupt of SOCKETn is activated, interrupt occurs. Refer to IR, IMR
Sn_IMR and Sn_IR. */
}
Second method :
{



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com