Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4570 Datasheet(PDF) 1 Page - 3M Electronics

Part # 4570
Description  3M??Protective Coverall 4570
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

4570 Datasheet(HTML) 1 Page - 3M Electronics

  4570 Datasheet HTML 1Page - 3M Electronics 4570 Datasheet HTML 2Page - 3M Electronics 4570 Datasheet HTML 3Page - 3M Electronics 4570 Datasheet HTML 4Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
The 3M™ Protective Coverall 4570 range of coveralls are
designed to help protect against hazardous dusts (Type 5),
light liquid splashes (Type 6), low pressure liquid sprays
(Type 4) and high pressure liquid jets (Type 3).
Key Features
• Advanced film technology
• Soft material reducing noise from movement
• High levels of chemical hold out and mechanical strength
• Certified to offer protection against radioactive particulates
(EN 1073-2) and biological contaminants (EN 14126)
• Anti-static treated (inside only) to EN 1149
• Elastic waist is adhered with glue to minimize potential
entry points
• Elastic wrists and ankles for convenience and freedom
of movement
• Thumb loops for secure fit during overhead work
• Three-panel hood design for a better fit and compatibility
with other PPE
• Chin flap with easy grab sealable tape for ease of use and
secure fit
• Two integrated storm-flaps combined with double
color-coded zip to create a double seal for added
convenience and extra protection
• Large ring-pull zippers for easy donning and doffing when
wearing gloves
• Seams are taped with a multi layer co-extruded clear tape
which offers a discreet finish and a consistent seal and
barrier to hazardous dusts and high pressure liquid jets
Approvals
CE approved under PPE Directive (89/686/ECC), Category III
CE Certificate Issue: BTTG Testing and Certification Limited, UK.
Notified Body Number: 0338
Article 11B Supervision: SGS United Kingdom Limited, UK
Notified Body Number: 0120
Comfort and Protection
Liquid
Protection
Type 3 & Type 4 (EN 14605) and
Type 6 (EN 13034)
Whole suit full and reduced
spray test (EN ISO 17491-3)
Dust Protection
Type 5 (EN ISO 13982-1)
Inward Leakage results:
Ljmn,82/90 < 30 %;
LS,8/10 < 15 %.
Anti-static
Anti-static coating
(EN 1149-5:2008)*
Nuclear
Radioactive particulates
(EN 1073-2:2002), Class 2
Biohazard
Tested according to
EN 14126:2003
(Type 3-B, Type 4-B, Type 5-B,
Type 6-B)
ASTM F1671:2013
ASTM F1670:2008
*All apparel must be suitably grounded for anti-static treatment to be effective.
Electrostatic propensity may decrease with wearing time and/or severe conditions.
Materials
Suit
Polypropylene / Polyethylene
Zipper
Metal / Nylon / Polyester Braid
Elastic
Synthetic Rubber (non-latex)
Seam Tape
Polyetheylene
Thread
Polyester / Cotton
This product does not contain components made from silicone or natural rubber latex.
Sizing
An appropriate size garment
should be selected to allow
sufficient movement for the task.
Chest
Height
Height
Chest
S
64 – 67 in
164 – 170 cm
33 – 36 in
84 – 92 cm
M 66 – 69 in
167 – 176 cm
36 – 39 in
92 – 100 cm
L
69 – 71 in
174 – 181 cm
39 – 43 in
100 – 108 cm
XL
70 – 74 in
179 – 187 cm
43 – 45 in
108 – 115 cm
2XL
73 – 76 in
186 – 194 cm
45 – 49 in
115 – 124 cm
3XL
76 – 78 in
194 – 200 cm
49 – 52 in
124 – 132 cm
4XL
78 – 81 in
200 – 206 cm
52 – 55 in
132 – 140 cm
3M™ Protective Coverall 4570
Technical Data Sheet


Similar Part No. - 4570

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
4570 RENESAS-4570 Datasheet
773Kb / 69P
SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
logo
Heyco.
4570 HEYCO-4570 Datasheet
267Kb / 1P
Heyco®-Tite Brass Liquid Tight Cordgrips
logo
RAF ELECTRONIC HARDWARE
4570 RAF-4570 Datasheet
248Kb / 1P
1/4 HEX MALE-FEMALE STANDOFFS
v1 9/26/08 10:07 PM
4570-256-AL RAF-4570-256-AL Datasheet
248Kb / 1P
1/4 HEX MALE-FEMALE STANDOFFS
v1 9/26/08 10:07 PM
4570-256-AL-7 RAF-4570-256-AL-7 Datasheet
248Kb / 1P
1/4 HEX MALE-FEMALE STANDOFFS
v1 9/26/08 10:07 PM
More results

Similar Description - 4570

ManufacturerPart #DatasheetDescription
logo
3M Electronics
SJ5008BLACK 3M-SJ5008BLACK Datasheet
150Kb / 8P
3M™ Bumpon™ Protective Products
Feb-2012
7071UV 3M-7071UV Datasheet
338Kb / 2P
3M Industrial Protective Film
Jan-2017
8730HT 3M-8730HT Datasheet
330Kb / 2P
3M™ Polyurethane Protective Tape 8730HT
Jun-2018
8686 3M-8686 Datasheet
103Kb / 2P
3M Polyurethane Protective Tape
Jun-2010
8664HS 3M-8664HS Datasheet
428Kb / 2P
3M™ Polyurethane Protective Tape 8664HS
Jun-2018
8657DL 3M-8657DL Datasheet
344Kb / 2P
3M™ Polyurethane Protective Tape 8657DL
Jun-2018
8542 3M-8542 Datasheet
417Kb / 2P
3M™ Polyurethane Protective Tape
Jun-2018
8663 3M-8663 Datasheet
344Kb / 2P
3M™ Polyurethane Protective Tape
Jun-2018
8545HS 3M-8545HS Datasheet
343Kb / 2P
3M™ Polyurethane Protective Tape 8545HS
Jun-2018
SJ6500 3M-SJ6500 Datasheet
166Kb / 4P
3M™ Bumpon™ Protective Products
Nov-2014
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com