Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4570 Datasheet(PDF) 2 Page - 3M Electronics

Part # 4570
Description  3M??Protective Coverall 4570
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

4570 Datasheet(HTML) 2 Page - 3M Electronics

  4570 Datasheet HTML 1Page - 3M Electronics 4570 Datasheet HTML 2Page - 3M Electronics 4570 Datasheet HTML 3Page - 3M Electronics 4570 Datasheet HTML 4Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Use Limitations
Do not use for:
• Contact with heavy oils, sparks or flame, or combustible liquids
• Environments with high mechanical risks (abrasions, tears, cuts)
• Environments with exposure to hazardous substances
beyond CE Type 3/4/5/6 certification
• Environments with conditions of excessive heat
Limited Use
Do not wash
Do not dry clean
Do not
bleach
Flammable - keep
away from sparks or
flames
Do not iron
Single use - do not
re-use
Do not tumble dry
Product must never be altered or modified.
Storage and Disposal
• Store in dry, clean conditions in original packaging
• Store away from direct sunlight, sources of high
temperature, and solvent vapors
• Store within the temperature range -20°C to +25°C (-4°F
to +77°F) and with relative humidity below 80%
• Shelf life is three years from date of manufacture when
stored as stated above
• Replace garments if damaged, heavily contaminated or in
accordance with local work practice
• Handle and dispose of contaminated garments with care
and in accordance with national regulations
Applications and Performance
Non-Hazardous Particulates
Yes
Non-Hazardous Liquid Splash Yes
Non-Hazardous Liquid Spray Yes
Liquid Continuous Contact
Yes, if chemical is compatible with
suit material†
Gases and Vapors
No
Hazardous Dusts & Fibres
Yes
Hazardous Liquid Splash
Yes, if chemical is compatible with
suit material†
Hazardous Liquid Spray
Yes, if chemical is compatible with
suit material†
Acids/Alkalis
Yes, if chemical is compatible with
suit material†
Organic Solvents
Yes, if chemical is compatible with
suit material†
†For additional chemical penetration and permeation data, please call your local
3M Technical Service Representative.
Typical applications may include: chemical handling,
environmental clean-up, hazardous waste remediation,
agriculture
In all cases, a risk assessment should be carried out.
Always read product user information. Use limitations and
performance data should be considered to ascertain the
protection required. If in doubt, contact a safety professional.
For more information on 3M products and services please
contact 3M.
Technical Data
The following tables show the performance of this product
when tested under laboratory conditions. Please note that
the tests may not reflect the reality of use and do not account
for factors such as excessive heat and mechanical wear.
The data listed in the tables below is based on one sample only.
Test
Standard/Test Method
Class/
Result
Abrasion resistance (visual
assessment)
EN 530:1994
Class 5
Flex cracking (visual
assessment)
ISO 7854:1995
Class 2
Tear Resistance Trapezoidal
ASTM D 5733 (Warp
direction/Fill direction)
16 lbf/17 lbf
Tensile strength
EN ISO 13934-1:1999
Class 1
Puncture resistance
ASTM D2582 (MD/CD) 36 N/41N
Burst resistance
ASTM D751, Section 18
150 N
Resistance to ignition
CPSC 16 CFR PT 1610
Class 1
Resistance to blocking
EN 25978:1990
No Blocking
Seam strength
ASTM D751, Section
66 (peak Load/Seam
Strength)
17 lbf/8 lbf/
in
Repellency to liquids – 30%
H
2SO4
EN ISO 6530:2005
Class 3 of 3
Liquid penetration resistance
– 30% H
2SO5
EN ISO 6530:2005
Class 3 of 3
Repellency to liquids – 10%
NaOH
EN ISO 6530:2005
Class 3 of 3
Liquid penetration resistance
– 10% NaOH
EN ISO 6530:2005
Class 3 of 3
Anti-static coating on inside
only
EN 1149-1:2006
Pass
Radioactive particulates
EN 1073-2:2002
TIL Class
2/3
Biological protection
EN 14126:2003
Pass
Blood-borne pathogen
penetration resistance
ASTM F1671:2013
Pass
Synthetic blood penetration
resistance
ASTM F1670/ASTM
F1670:2008
Pass
Blood-borne pathogen
penetration resistance
ISO 16604:2004
Class 6 of 6
Contaminated solid particle
penetration resistance
ISO 22612:2005
Class 3 of 3
Contaminated liquid aerosol
penetration resistance
ISO/DIS 22611:2003
Class 3 of 3
Wet bacteria penetration
resistance
EN ISO 22610:2006
Class 6 of 6
The standards EN 13034:2005, EN14325 and EN ISO 13982-1:2004, and EN
1073-2:2002 define performance classes.
**The maximum Class is 6 unless otherwise noted.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com