Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4570 Datasheet(PDF) 3 Page - 3M Electronics

Part # 4570
Description  3M??Protective Coverall 4570
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

4570 Datasheet(HTML) 3 Page - 3M Electronics

  4570 Datasheet HTML 1Page - 3M Electronics 4570 Datasheet HTML 2Page - 3M Electronics 4570 Datasheet HTML 3Page - 3M Electronics 4570 Datasheet HTML 4Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Permeation Test Results
Chemical
Fabric
Seam
CAS
Number
EN374-3
classified to EN14325
ASTM F739
Breakthroughtime
EN374-3
classified to EN14325
ASTM F739
Breakthrough time
1ug/cm2
0.1ug/cm2
1ug/cm2
0.1ug/cm2
2-(2-aminoethoxy) ethanol 98%
929-06-6
Class 6
Not Tested
Class 6
>480 mins
2,4-Difluoroanaline 99%
367-25-9
Class 3
Not Tested
Class 1
Immediate
2-Chloroethanol 99%
107-07-3
Class 6
Not Tested
Class 6
Immediate
2-Ethylhexanoic Acid 99%
149-57-5
Class 6
Not Tested
Class 6
average 102 mins
Acetic Acid 30% (ethanoic acid)
64-19-7
Class 6
Not Tested
Class 6
>480 mins
Acetone
67-64-1
Not Tested
Immediate
Not Tested
Immediate
Acetonitrile
75-05-8
Not Tested
Immediate
Not Tested
Immediate
Ammonium Hydroxide 30%
1336-21-6
Class 6
Not Tested
Class 1
Immediate
Aniline 99% (phenylamine, aminobenzene)
62-53-3
Class 5
Not Tested
Class 5
average 11 mins
Carbon Disulfide
75-15-0
Not Tested
Immediate
Not Tested
Immediate
Dichloro-methane
75-09-2
Not Tested
Immediate
Not Tested
Immediate
Diethylamine
109-89-7
Not Tested
Immediate
Not Tested
Immediate
Dimethyl-formamide
68-12-2
Not Tested
Immediate
Not Tested
Immediate
Dimethyl Sulphate 98%
77-78-1
Class 6
Not Tested
Class 6
>480 mins
Ethyl Acetate
141-78-6
Not Tested
Immediate
Not Tested
1 min
Ethylene Glycol 99.5%
107-21-1
Class 6
Not Tested
Class 6
>480 mins
Formaldehyde 10%
50-00-00
Class 6
Not Tested
Class 6
>480 mins
Formic Acid 96%
64-18-6
Class 6
Not Tested
Class 6
average 16 mins
Hydrazine Monohydrate 98%
7803-57-8
Class 6
Not Tested
Class 6
>480 mins
Hydrobromic Acid 48%
10035-10-6
Class 6
Not Tested
Class 6
>480 mins
Hydrochloric Acid 37%
7647-01-0
Class 4
Not Tested
Class 4
average 36 mins
Hydrofluoric Acid (71-75wt%)
7664-39-3
Class 4
Not Tested
Class 5
average 132 mins
Hydrofluoric Acid 48%
7664-39-3
Class 6
Not Tested
Class 6
>480 mins
Isopropyl alcohol 99.5%
67-63-07
Class 6
Not Tested
Class 6
average 9 mins
Mercuric Chloride sat. soln.
7487-94-7
Class 6
Not Tested
Class 6
>480 mins
Mercury
92786-62-4
Class 6
Not Tested
Class 6
>480 mins
Methanol
67-56-1
Class 2
Immediate
Class 6
Immediate
n-Hexane
110-54-3
Not Tested
Immediate
Not Tested
Immediate
Nitric Acid 70%
7694-37-2
Class 6
Not Tested
Class 6
average 420 mins
Nitrobenzene
98-95-3
Not Tested
Immediate
Not Tested
Immediate
Phenol 85% soln.
108-95-2
Class 6
Not Tested
Class 6
>480 mins
Phosphoric Acid 85%
7664-38-2
Class 6
Not Tested
Class 6
>480 mins
Potassium Chromate (saturated soln.)
7789-00-6
Class 6
Not Tested
Class 6
>480 mins
Sodium Bisulphate 40% soln.
7681-38-1
Class 6
Not Tested
Class 6
>480 mins
Sodium Fluoride Saturated soln.
7681-49-4
Class 6
Not Tested
Class 6
>480 mins
Sodium Hydroxide 40wt%
1310-73-2
Class 6
>480 mins
Class 6
>480 mins
Sodium Hypochlorite (13% chlorine)
7681-52-9
Class 6
Not Tested
Class 6
>480 mins
Sulfuric Acid 30wt%
7664-93-9
Class 6
Not Tested
Class 6
>480 mins
Sulfuric Acid 93.1 wt%
7664-93-9
Class 6
>480 mins
Class 6
>480 mins
Tetrachloro-ethylene
127-18-4
Not Tested
Immediate
Not Tested
Immediate
Tetra-hydrofuran
109-99-9
Not Tested
Immediate
Not Tested
Immediate
Toluene
108-88-3
Not Tested
Immediate
Not Tested
Immediate
Zinc Bromide Saturated soln.
7699-45-8
Class 6
Not Tested
Class 6
>480 mins
Data given here is: for information only; not certified product claims; based on one sample only; based on lab conditions; subject to change. Product
supplied may show variation. Breakthrough times are not safe wear times. Permeation rates increase with temperature. Permeation testing does not
assess: degradation; mechanical defects; product design/fit.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com