Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMUX646 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TMUX646
Description  TMUX646 6 GHz, 5 V, 2:1 (SPDT) 10-Channel MIPI Switch with 1.8-V Logic Support
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMUX646 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TMUX646 Datasheet HTML 2Page - Texas Instruments TMUX646 Datasheet HTML 3Page - Texas Instruments TMUX646 Datasheet HTML 4Page - Texas Instruments TMUX646 Datasheet HTML 5Page - Texas Instruments TMUX646 Datasheet HTML 6Page - Texas Instruments TMUX646 Datasheet HTML 7Page - Texas Instruments TMUX646 Datasheet HTML 8Page - Texas Instruments TMUX646 Datasheet HTML 9Page - Texas Instruments TMUX646 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 37 page
background image
6.4 Thermal Information (continued)
THERMAL METRIC(1)
TMUX646
UNIT
ZEC (nFBGA)
36 PINS
RθJC(bot)
Junction-to-case (bottom) thermal resistance
N/A
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
6.5 Electrical Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
POWER SUPPLY
IDD
VDD active supply current
VDD = 1.5 V to 5.5 V
OE = 0 V
SEL = 0 V or 5.5 V
Dn, CLKn = 0 V
30
55
µA
IDD_PD
Power-down supply current
VDD = 1.5 V to 5.5 V
OE = VDD
SEL = 0 V or 5.5 V
Dn, CLKn = 0 V
0.1
1
µA
ΔIDD
Increase in supply current per
logic pin at 1.8 V
VDD = 2.5 V
OE = 1.8 V
SEL = 0 V or VDD
Dn, CLKn = 0 V
1.3
µA
VDD = 5 V
OE = 1.8 V
SEL = 0 V or VDD
Dn, CLKn = 0 V
2.5
µA
DC CHARACTERISTICS
RON_HS
On-state resistance
VDD = 1.5 V to 5.5 V
OE = 0 V, SEL = 0 V or VDD ,
Dn, CLKn = –8 mA, 0.2 V
DAn, DBn, CLKAn, CLKBn = 0.2 V, –8 mA
6
9
Ω
RON_LP
On-state resistance
VDD = 1.5 V to 5.5 V
OE = 0 V, SEL = 0 V or VDD ,
Dn, CLKn = –8 mA, 1.2 V
DAn, DBn, CLKAn, CLKBn = 1.2 V, –8 mA
6
10
Ω
RON_flat_HS
On-state resistance flatness
VDD = 1.5 V to 5.5 V
OE = 0 V, SEL = 0 V or VDD,
Dn, CLKn = –8 mA, 0 V to 0.3 V
DAn, DBn, CLKAn, CLKBn = 0 V to 0.3 V, –8
mA
0.1
Ω
RON_flat_LP
On-state resistance flatness
VDD = 1.5 V to 5.5 V
OE = 0 V, SEL = 0 V or VDD ,
Dn, CLKn = –8 mA, 0 V to 1.3 V
DAn, DBn, CLKAn, CLKBn = 0 V to 1.3 V, –8
mA
0.9
Ω
DRON_HS
On-state resistance match
between + and – paths
VDD = 1.5 V to 5.5 V
OE = 0 V, SEL = 0 V or VDD,
Dn, CLKn = –8 mA, 0.2 V
DAn, DBn, CLKAn, CLKBn = 0.2 V, –8 mA
0.1
Ω
DRON_LP
On-state resistance match
between + and – paths
VDD = 1.5 V to 5.5 V
OE = 0 V, SEL = 0 V or VDD ,
Dn, CLKn = –8 mA, 1.3 V
DAn, DBn, CLKAn, CLKBn = 1.3 V, –8 mA
0.1
Ω
TMUX646
SCDS432 – JUNE 2021
www.ti.com
6
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TMUX646



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com