Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMUX646 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TMUX646
Description  TMUX646 6 GHz, 5 V, 2:1 (SPDT) 10-Channel MIPI Switch with 1.8-V Logic Support
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMUX646 Datasheet(HTML) 3 Page - Texas Instruments

  TMUX646 Datasheet HTML 1Page - Texas Instruments TMUX646 Datasheet HTML 2Page - Texas Instruments TMUX646 Datasheet HTML 3Page - Texas Instruments TMUX646 Datasheet HTML 4Page - Texas Instruments TMUX646 Datasheet HTML 5Page - Texas Instruments TMUX646 Datasheet HTML 6Page - Texas Instruments TMUX646 Datasheet HTML 7Page - Texas Instruments TMUX646 Datasheet HTML 8Page - Texas Instruments TMUX646 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 37 page
background image
5 Pin Configuration and Functions
1
2
3
4
5
6
A
B
C
D
E
F
Not to scale
VDD
GND
DA4N
DA4P
OE
SEL
DB4N
DB4P
DA3N
DA3P
D4N
D4P
DB3N
DB3P
NC
NC
D3N
D3P
DB2N
DB2P
DA2N
DA2P
D2N
D2P
DB1N
DB1P
DA1N
DA1P
D1N
D1P
CLKBN
CLKBP
CLKAN
CLKAP
CLKN
CLKP
Figure 5-1. nFBGA Package 36 Pin (ZEC) Top View
Table 5-1. Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
CLKAN
F3
I/O
Differential I/O
CLKAP
F4
I/O
Differential I/O
CLKBN
F1
I/O
Differential I/O
CLKBP
F2
I/O
Differential I/O
CLKN
F5
I/O
Differential I/O
CLKP
F6
I/O
Differential I/O
D1N
E5
I/O
Differential I/O
D1P
E6
I/O
Differential I/O
D2N
D5
I/O
Differential I/O
D2P
D6
I/O
Differential I/O
D3N
C5
I/O
Differential I/O
D3P
C6
I/O
Differential I/O
D4N
B5
I/O
Differential I/O
D4P
B6
I/O
Differential I/O
DA1N
E3
I/O
Differential I/O
DA1P
E4
I/O
Differential I/O
DA2N
D3
I/O
Differential I/O
DA2P
D4
I/O
Differential I/O
DA3N
B3
I/O
Differential I/O
DA3P
B4
I/O
Differential I/O
DA4N
A3
I/O
Differential I/O
DA4P
A4
I/O
Differential I/O
www.ti.com
TMUX646
SCDS432 – JUNE 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: TMUX646



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com