Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMUX646 Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # TMUX646
Description  TMUX646 6 GHz, 5 V, 2:1 (SPDT) 10-Channel MIPI Switch with 1.8-V Logic Support
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMUX646 Datasheet(HTML) 23 Page - Texas Instruments

Back Button TMUX646 Datasheet HTML 19Page - Texas Instruments TMUX646 Datasheet HTML 20Page - Texas Instruments TMUX646 Datasheet HTML 21Page - Texas Instruments TMUX646 Datasheet HTML 22Page - Texas Instruments TMUX646 Datasheet HTML 23Page - Texas Instruments TMUX646 Datasheet HTML 24Page - Texas Instruments TMUX646 Datasheet HTML 25Page - Texas Instruments TMUX646 Datasheet HTML 26Page - Texas Instruments TMUX646 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 37 page
background image
TMUX646
MIPI Switch
VDD
2.2 µF
100 nF
Processor
MIPI Module 1
MIPI Module 2
SEL
/OE
Trio[1:3]
Trio [1:3]
Trio[1:3]
50
Ω
50
Ω
50
Ω
1.5 V to 5.5 V
Figure 9-2. Typical C-PHY Application
9.2.1 Design Requirements
Design requirements of the MIPI standard must be followed. Supply pin decoupling capacitors of 2.2 µF and 100
nF are recommended for best performance. The TMUX646 has internal 6-MΩ pulldown resistors on SEL and
OE. The pulldown on these pins ensure that the digital remains in a non-floating state during system power-up to
prevent shoot through current spikes and an unknown switch status. By default the switch will power up enabled
and with the A path selected until driven externally by the processor.
9.2.2 Detailed Design Procedure
The TMUX646 can be properly operated without any external components. However, TI recommends that
unused I/O signal pins be connected to ground through a 50 Ω resistor to prevent signal reflections and maintain
device performance. The NC pins of the device do not require any external connections or terminations and
have no connection to the rest of the device internally.
The clock and data lanes can be interchanged as necessary to facilitate the best layout possible for the
application. For example, the clock can be placed on the D1 channel and a data lane can be used on the CLK
channel if this improves the layout. In addition, the signal lines of the TMUX646 are routed single ended on the
chip die. This makes the device suitable for differential and single-ended high-speed systems.
9.2.2.1 MIPI D-PHY Application
The clock and data lanes can be interchanged as necessary to facilitate the best layout possible for the
application. In addition, the signal lines of the TMUX646 are routed single ended on the chip die. This makes the
device suitable for differential and single-ended high-speed systems. This also allows the positive and negative
lines to be interchanged as necessary to facilitate the best layout possible for the application.
D-PHY application includes a differential clock and 4 differential data lanes. All the channels of the device
perform similar and the clock or data signals can be interchanged as necessary to facilitate the best layout
possible for the application.
www.ti.com
TMUX646
SCDS432 – JUNE 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
23
Product Folder Links: TMUX646



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com