Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMUX646 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TMUX646
Description  TMUX646 6 GHz, 5 V, 2:1 (SPDT) 10-Channel MIPI Switch with 1.8-V Logic Support
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMUX646 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TMUX646 Datasheet HTML 17Page - Texas Instruments TMUX646 Datasheet HTML 18Page - Texas Instruments TMUX646 Datasheet HTML 19Page - Texas Instruments TMUX646 Datasheet HTML 20Page - Texas Instruments TMUX646 Datasheet HTML 21Page - Texas Instruments TMUX646 Datasheet HTML 22Page - Texas Instruments TMUX646 Datasheet HTML 23Page - Texas Instruments TMUX646 Datasheet HTML 24Page - Texas Instruments TMUX646 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 37 page
background image
This features has the following system level benefits:
• Protects the system from damage.
• Prevents data from being transmitted unintentionally.
• Eliminates the need for power sequencing solutions, reducing BOM count and cost, simplifying system
design, and improving reliability.
8.3.4 Low Power Disable Mode
The TMUX646 has a low power mode that places all the signal paths in a high impedance state and lowers the
current consumption while the device is not in use. To put the device in low power mode and disable the switch,
the output enable pin OE must be supplied with a logic high signal.
8.4 Device Functional Modes
8.4.1 Pin Functions
The SEL and OE pins have a weak 6-MΩ pull-down to prevent floating input logic.
Table 8-1. Function Table
OE
SEL
Function
H
X
I/O pins High-Impedance
L
L
CLK(P/N) = CLKA(P/N)
Dn(P/N) = DAn(P/N)
L
H
CLK(P/N) = CLKB(P/N)
Dn(P/N) = DBn(P/N)
8.4.2 Low Power Disable Mode
While the output enable pin OE is supplied with a logic high, the device remains in the low power disabled
state. This reduces the current consumption substantially and the switches are high impedance. The SEL pin is
ignored while the OE remains high. Upon exiting low power mode, the switch status reflects the SEL pin as seen
in Table 8-1.
8.4.3 Switch Enabled Mode
While the output enable pin OE is supplied with a logic low, the device remains in switch enabled mode.
www.ti.com
TMUX646
SCDS432 – JUNE 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: TMUX646



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com