Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS22950 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS22950
Description  TPS22950 5.5-V, 2.7-A, 34-m廓 Adjustable Current Limited Load Switch
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS22950 Datasheet(HTML) 4 Page - Texas Instruments

  TPS22950 Datasheet HTML 1Page - Texas Instruments TPS22950 Datasheet HTML 2Page - Texas Instruments TPS22950 Datasheet HTML 3Page - Texas Instruments TPS22950 Datasheet HTML 4Page - Texas Instruments TPS22950 Datasheet HTML 5Page - Texas Instruments TPS22950 Datasheet HTML 6Page - Texas Instruments TPS22950 Datasheet HTML 7Page - Texas Instruments TPS22950 Datasheet HTML 8Page - Texas Instruments TPS22950 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)(1)
MIN
MAX
UNIT
VIN
Maximum Input Voltage Range
–0.3
6
V
VOUT
Maximum Output Voltage Range
–0.3
6
V
VON
Maximum ON Pin Voltage Range
–0.3
6
V
VFLT
Maximum FLT Pin Voltage
–0.3
6
V
IMAX
Maximum Continuous Output Current
2.7
A
IMAX,PLS
Maximum Pulsed Output Current (TJ = 85°C, duty cycle = 2%)
4.1
A
TSTG
Storage temperature
–65
150
°C
TLEAD
Maximum Lead Temperature (10 s soldering time)
300
°C
(1)
Stresses beyond those listed under Absolute Maximum Rating may cause permanent damage to the device. These are stress
ratings only, which do not imply functional operation of the device at these or any other conditions beyond those indicated
under Recommended Operating Condition. Exposure to absolute-maximum-rated conditions for extended periods may affect device
reliability.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human body model (HBM), per ANSI/ESDA/
JEDEC JS-001, allpins(1)
±2000
V
Charged device model (CDM), per JEDEC
specificationJESD22-C101, all pins(2)
±500
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process. Manufacturing with
less is possible with the necessary precautions. Pins listed may actually have higher performance.
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
TYP
MAX
UNIT
VIN
Input Voltage Range
1.8
5.5
V
VOUT
Output Voltage Range
0
5.5
V
VIH
ON Pin High Voltage Range
1
5.5
V
VIL
ON Pin Low Voltage Range
0
0.35
V
ILIM
Output Current Limit
0.05
3.5
A
TA
Ambient temperature
–40
125
°C
TJ
Junction temperature
–40
150
°C
6.4 Thermal Information
THERMAL METRIC(1)
TPS22950
UNIT
YBH (WCSP)
6 PINS
RθJA
Junction-to-ambient thermal resistance
135.8
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
39.5
°C/W
RθJB
Junction-to-board thermal resistance
1.4
°C/W
ΨJT
Junction-to-top characterization parameter
0.9
°C/W
TPS22950
SLVSFJ2 – DECEMBER 2020
www.ti.com
4
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TPS22950



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com