Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS22950 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS22950
Description  TPS22950 5.5-V, 2.7-A, 34-m廓 Adjustable Current Limited Load Switch
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS22950 Datasheet(HTML) 1 Page - Texas Instruments

  TPS22950 Datasheet HTML 1Page - Texas Instruments TPS22950 Datasheet HTML 2Page - Texas Instruments TPS22950 Datasheet HTML 3Page - Texas Instruments TPS22950 Datasheet HTML 4Page - Texas Instruments TPS22950 Datasheet HTML 5Page - Texas Instruments TPS22950 Datasheet HTML 6Page - Texas Instruments TPS22950 Datasheet HTML 7Page - Texas Instruments TPS22950 Datasheet HTML 8Page - Texas Instruments TPS22950 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
TPS22950 5.5-V, 2.7-A, 34-mΩ Adjustable Current Limited Load Switch
1 Features
• Input operating voltage range (VIN): 1.8 V – 5.5 V
• Output current limit (ILIMIT): 0.05 A - 3.5 A (typ)
• Thermal Shutdown (TSD)
• ON-Resistance (RON):
– RON at VIN = 5 V: 34 mΩ (typ)
– RON at VIN = 3.3 V: 41 mΩ (typ)
• Slow turn ON timing limits inrush current (typ):
– tON at VIN = 5 V: 800 us
– tON at VIN = 3.3 V: 550 us
• Always-ON true Reverse Current Blocking (RCB)
• Fault Indication (FLT)
• Quick Output Discharge (QOD): 150 Ω
• Smart ON pin pull down (RPD,ON):
– ON ≥ VIH (ION): 50 nA (max)
– ON ≤ VIL (RPD,ON): 500 kΩ (typ)
• Low power consumption:
– ON state (IQ): 40 uA (typ)
– OFF state (ISD): 0.2 uA (typ)
2 Application
• Personal Electronics
• Tablets
• Notebooks
• Game Consoles
• Accessories
3 Description
The TPS22950 is a small, single channel load
switch with robust protection against fault cases with
adjustable output current limiting, reverse current
blocking, and thermal shutdown.
The switch ON state is controlled by a digital input
that is capable of interfacing directly with low-voltage
control signals. When power is first applied, a Smart
Pull Down is used to keep the ON pin from floating
until system sequencing is complete. Once the pin is
deliberately driven High (>VIH), the Smart Pull Down
will be disconnected to prevent unnecessary power
loss.
TPS22950 is available in a standard WCSP
package characterized for operation over an ambient
temperature range of –40°C to 125°C.
Device Information
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TPS22950
WCSP (6)
1.106 mm × 0.706
mm
+
-
L
H
VIN
Fault
R
L
ON
C
IN
V
IN
R
FLT
C
L
VOUT
GND
FLT
ILIM
R
ILIM
Typical Application
TPS22950
SLVSFJ2 – DECEMBER 2020
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TPS22950

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22950 TI-TPS22950 Datasheet
1Mb / 22P
TPS22950 5.5-V, 2.7-A, 34-m廓 Adjustable Current Limited Load Switch
TPS22950 TI-TPS22950 Datasheet
1Mb / 29P
TPS22950x 5.5-V, 2.7-A, 34-m廓 Adjustable Current Limited Load Switch
JUNE 2022
TPS22950 TI-TPS22950 Datasheet
1Mb / 25P
TPS22950-Q1 5-V, 2.7-A, 34-mΩ Automotive Load Switch With Adjustable Current Limit
SEPTEMBER 2022
TPS22950 TI-TPS22950 Datasheet
914Kb / 25P
TPS22950-Q1 5-V, 2.7-A, 34-mΩ Automotive Load Switch With Adjustable Current Limit
REVISED DECEMBER 2022
TPS22950 TI-TPS22950 Datasheet
1Mb / 28P
TPS22950x 5.5-V, 3.2-A, 34-mΩ Adjustable Current Limited Load Switch
REVISED FEBRUARY 2023
More results

Similar Description - TPS22950

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22951 TI-TPS22951 Datasheet
478Kb / 13P
CURRENT-LIMITED 1-廓 SMART-LOAD SWITCH
TPS22958 TI1-TPS22958 Datasheet
1Mb / 36P
5.5-V, 4-A / 6-A, 14-m廓 Load Switch with Adjustable Rise Time
TPS22969 TI1-TPS22969 Datasheet
1Mb / 29P
5.5-V, 6-A, 4.4-m廓 On-Resistance Load Switch
TPS22990 TI1-TPS22990 Datasheet
4Mb / 34P
5.5-V, 10-A, 3.9-m廓 On-Resistance Load Switch
TPS22950 TI-TPS22950 Datasheet
1Mb / 22P
TPS22950 5.5-V, 2.7-A, 34-m廓 Adjustable Current Limited Load Switch
TPS22811 TI-TPS22811 Datasheet
3Mb / 42P
TPS22811x 2.7 V??6 V, 10-A, 6-m廓 Load Switch with Adjustable Overvoltage Protection and Current Monitoring
APRIL 2022
TPS22950 TI-TPS22950_V02 Datasheet
1Mb / 29P
TPS22950x 5.5-V, 2.7-A, 34-m廓 Adjustable Current Limited Load Switch
JUNE 2022
TPS22950-Q1 TI-TPS22950-Q1 Datasheet
1Mb / 25P
TPS22950-Q1 5-V, 2.7-A, 34-mΩ Automotive Load Switch With Adjustable Current Limit
SEPTEMBER 2022
TPS22950-Q1 TI-TPS22950-Q1_V01 Datasheet
914Kb / 25P
TPS22950-Q1 5-V, 2.7-A, 34-mΩ Automotive Load Switch With Adjustable Current Limit
REVISED DECEMBER 2022
TPS22950 TI-TPS22950_V03 Datasheet
1Mb / 28P
TPS22950x 5.5-V, 3.2-A, 34-mΩ Adjustable Current Limited Load Switch
REVISED FEBRUARY 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com