Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS22950 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # TPS22950
Description  TPS22950 5.5-V, 2.7-A, 34-m廓 Adjustable Current Limited Load Switch
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS22950 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TPS22950 Datasheet HTML 8Page - Texas Instruments TPS22950 Datasheet HTML 9Page - Texas Instruments TPS22950 Datasheet HTML 10Page - Texas Instruments TPS22950 Datasheet HTML 11Page - Texas Instruments TPS22950 Datasheet HTML 12Page - Texas Instruments TPS22950 Datasheet HTML 13Page - Texas Instruments TPS22950 Datasheet HTML 14Page - Texas Instruments TPS22950 Datasheet HTML 15Page - Texas Instruments TPS22950 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
I
OUT
t
LIM
I
LIM
Figure 8-2. Transient Current Limit Waveform
8.3.1.1 Adjusting the current limit
The current limit is adjusted by connecting an external resistor from the ILIM pin to GND. The current limit
resistor can be chosen using the equation:
ILIM = 1.18 × (RILIM)-1.072
(1)
8.3.2 Reverse Current Blocking (RCB)
In a scenario where the device is enabled and VOUT is greater than VIN, there is potential for reverse current to
flow through the pass FET or the body diode. When the reverse current threshold is exceeded (about 900 mA),
there is a delay time (tRCB) before the switch turns off to stop the current flow. The switch will remain off and
block reverse current as long as the reverse voltage condition exists. Once VOUT has dropped below the release
voltage threshold (VRCB) the device will turn back on. When the ON pin is pulled low, the device will constantly
block reverse current.
8.4 Device Functional Modes
The tables below summarize the Device Functional Modes.
Table 8-1. Output Connection Table
ON
Fault Condition
VOUT State
FLT State
L
N/A
Hi-Z
Hi-Z
H
None
VIN (via RON)
Hi-Z
H
Output Short
Current Limited
Hi-Z
H
Thermal Shutdown
Hi-Z
L
H
Reverse Current
Hi-Z
L
Table 8-2. Smart-ON Functional Modes (RPD,ON)
ON
ON Pin
≤ VIL
Pull Down Active
≥ VIH
No Pull Down
TPS22950
SLVSFJ2 – DECEMBER 2020
www.ti.com
12
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TPS22950



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com