Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DLPC4420ZPC Datasheet(PDF) 31 Page - Texas Instruments

Click here to check the latest version.
Part # DLPC4420ZPC
Description  DLPC4420 DLP짰 Display Controller
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DLPC4420ZPC Datasheet(HTML) 31 Page - Texas Instruments

Back Button DLPC4420ZPC Datasheet HTML 27Page - Texas Instruments DLPC4420ZPC Datasheet HTML 28Page - Texas Instruments DLPC4420ZPC Datasheet HTML 29Page - Texas Instruments DLPC4420ZPC Datasheet HTML 30Page - Texas Instruments DLPC4420ZPC Datasheet HTML 31Page - Texas Instruments DLPC4420ZPC Datasheet HTML 32Page - Texas Instruments DLPC4420ZPC Datasheet HTML 33Page - Texas Instruments DLPC4420ZPC Datasheet HTML 34Page - Texas Instruments DLPC4420ZPC Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 49 page
background image
8 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
8.1 Application Information
The DLPC4420 display controller coupled with supported DMDs comprise the chipset. The controller integrates
all system image processing, DMD control and data formatting onto a single integrated circuit (IC), as well as
LED or LPCW illumination systems and multiple image processing algorithms. Applications include 4K Ultra High
Definition (UHD) Display, Home Theatre, Smart Display, Digital Signage, and Laser TV.
8.2 Typical Application
The DLPC4420 controller is ideal for applications requiring high brightness and high resolution displays. When
two DLPC4420 display controllers are combined with the DLP 4K DMD, an FPGA, a power management and
motor driver device (DLPA100), and other electrical, optical and mechanical components the chipset enables
bright, affordable, 4K UHD display solutions. A typical DLP system application using the DLPC4420 controller
and supported DLP DMD is shown below.
DLPC4420
Controller
Primary
TI DLP chipset
Third party component
VBIAS, VOFFSET, VRESET
SCP CTRL
Vx1
2xLVDS
Front End Device
Vx1:
3840 × 2160 @ 60Hz
Actuator
Driver
4-Position
Actuator
Flash
(23) (16)
ADDR
DATA
3D
L/R
4K UHD DMD
(3)
1.8 V
TPS65145 or
DLPA300
DMD PMIC
3.3 V
PWM Driver
(3)
RGB_EN
(3)
RGB_PWM
XPR FPGA
DLPC4420
Controller
Secondary
Flash
DATA
DATA
JTAG
Flash
DDR3
Flash
DDR3
EPROM
CTRL
Flash
EPROM
12V
GPIO
DLPA100
Controller
PMIC
3.3V
1.8V
1.1V
CTRL
GPIO
12V
FPGA
Voltage
Regulators
3.3V
1.8V
1.15V
1.1V
2.5V
12V
DLPA100
Controller
PMIC
3.3V
1.8V
1.1V
CTRL
SPI
I2C
I2C
(23) (16)
ADDR
DATA
I2C
ADDR
DATA
2xLVDS
FE CTRL
USB CTRL
ACTUATOR CTRL
I2C
SPI
HBT
Figure 8-1. Typical 4K UHD LED Display Application
www.ti.com
DLPC4420
DLPS222 – DECEMBER 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
31
Product Folder Links: DLPC4420



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com