Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DLPC4420ZPC Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # DLPC4420ZPC
Description  DLPC4420 DLP짰 Display Controller
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DLPC4420ZPC Datasheet(HTML) 14 Page - Texas Instruments

Back Button DLPC4420ZPC Datasheet HTML 10Page - Texas Instruments DLPC4420ZPC Datasheet HTML 11Page - Texas Instruments DLPC4420ZPC Datasheet HTML 12Page - Texas Instruments DLPC4420ZPC Datasheet HTML 13Page - Texas Instruments DLPC4420ZPC Datasheet HTML 14Page - Texas Instruments DLPC4420ZPC Datasheet HTML 15Page - Texas Instruments DLPC4420ZPC Datasheet HTML 16Page - Texas Instruments DLPC4420ZPC Datasheet HTML 17Page - Texas Instruments DLPC4420ZPC Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 49 page
background image
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)(1)
MIN
MAX
UNIT
ELECTRICAL
Supply Voltage(2)
VDD11 (Core)
–0.30
1.60
V
VDD18 (LVDS I/O and Internal DRAM)
–0.30
2.50
VDD33 (I/O)
–0.30
3.90
VDD_PLLD (1.1V DMD clock
generator - Digital)
-0.30
1.60
VDD_PLLM1 (1.1V Master - LS clock
generator - Digital)
-0.30
1.60
VDD_PLLM2 (1.1V Master - HS
clock generator - Digital)
-0.30
1.60
VDD_PLLD (1.8V DMD clock
generator - Analog)
-0.30
2.50
VDD_PLLM1 (1.8V Master - LS clock
generator - Analog)
-0.30
2.50
VDD_PLLM2 (1.8V Master - HS
clock generator - Analog)
-0.30
2.50
VDD_PLLS (1.1V Video 2X - Analog)
-0.50
1.40
VI Input Voltage(3)
USB
-1.0
5.25
V
OSC
-0.3
VDD33 + 0.3
3.3V LVTTL
-0.3
3.6
3.3V I2C
-0.5
3.8
VO Output Voltage
USB
-1.0
5.25
V
OSC
-0.3
2.2
3.3V LVTTL
-0.3
3.6
3.3V I2C
-0.5
3.8
ENVIRONMENTAL
TJ Operating Junction temperature
0
111
°C
Tstg Storage temperature range
–40
125
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress
ratings only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under
Recommended Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device
reliability.
(2)
All voltage values are with respect to GROUND.
(3)
Applies to external input and bidirectional buffers.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001, all
pins (1)
± 1000
V
Charged device model (CDM), per JEDEC specification
JESD22-C101, all pins (2)
+500/-300
(1)
Level listed above is the passing level per ANSI, ESDA, and JEDEC JS-001. JEDEC document JEP155 states that 500V HBM allows
safe manufacturing with a standard ESD control process.
(2)
Level listed above is the passing level per EIA-JEDEC JESD22-C101. JEDEC document JEP157 states that 250V CDM allows safe
manufacturing with a standard ESD control process.
DLPC4420
DLPS222 – DECEMBER 2021
www.ti.com
14
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: DLPC4420



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com