Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZL40272 Datasheet(PDF) 40 Page - Microchip Technology

Part # ZL40272
Description  Low-Skew, Low Additive Jitter, 12 Output HCSL/LVDS/ LVPECL Fanout Buffer with Per-Output Enable Control
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ZL40272 Datasheet(HTML) 40 Page - Microchip Technology

Back Button ZL40272 Datasheet HTML 36Page - Microchip Technology ZL40272 Datasheet HTML 37Page - Microchip Technology ZL40272 Datasheet HTML 38Page - Microchip Technology ZL40272 Datasheet HTML 39Page - Microchip Technology ZL40272 Datasheet HTML 40Page - Microchip Technology ZL40272 Datasheet HTML 41Page - Microchip Technology ZL40272 Datasheet HTML 42Page - Microchip Technology ZL40272 Datasheet HTML 43Page - Microchip Technology ZL40272 Datasheet HTML 44Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 54 page
background image
ZL40272
DS20006408B-page 40
2020 - 2021 Microchip Technology Inc. and its subsidiaries
FIGURE 4-5:
Differential Measurement Points for Ringback.
FIGURE 4-6:
PCIe Test Circuit.
TABLE 4-16: LVPECL OUTPUT PHASE NOISE WITH 25 MHZ XTAL
Note 1
Characteristics
Min.
Typ.
Max.
Units
Notes
Jitter RMS in 12 kHz to 5 MHz
Band
—
265
—
fs
VDD = 3.3V, VDDO = 3.3V
—
213
—
fs
VDD = 2.5V, VDDO = 2.5V
Noise Floor
—
–102
—
dBc/Hz @100 Hz, VDD = 3.3V, VDDO = 3.3V
—
–127
—
dBc/Hz @1 kHz, VDD = 3.3V, VDDO = 3.3V
—
–153
—
dBc/Hz @10 kHz, VDD = 3.3V, VDDO = 3.3V
—
–158
—
dBc/Hz @100 kHz, VDD = 3.3V, VDDO = 3.3V
—
–158
—
dBc/Hz @1 MHz, VDD = 3.3V, VDDO = 3.3V
—
–158
—
dBc/Hz @5 MHz, VDD = 3.3V, VDDO = 3.3V
—
–96
—
dBc/Hz @100 Hz, VDD = 2.5V, VDDO = 2.5V
—
–122
—
dBc/Hz @1 kHz, VDD = 2.5V, VDDO = 2.5V
—
–151
—
dBc/Hz @10 kHz, VDD = 2.5V, VDDO = 2.5V
—
–160
—
dBc/Hz @100 kHz, VDD = 2.5V, VDDO = 2.5V
—
–160
—
dBc/Hz @1 MHz, VDD = 2.5V, VDDO = 2.5V
—
–160
—
dBc/Hz @5 MHz, VDD = 2.5V, VDDO = 2.5V
Note 1: Values are over Recommended Operating Conditions.
OUTx_p - OUTx_n
DUT
15 dB loss at 4 GHz
2 pF 5%
2 pF 5%
CK
CK#
Di eren al PCB trace
ZDIFF = 100 ±10%
Refclk Margins



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com