Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZL40272 Datasheet(PDF) 13 Page - Microchip Technology

Part # ZL40272
Description  Low-Skew, Low Additive Jitter, 12 Output HCSL/LVDS/ LVPECL Fanout Buffer with Per-Output Enable Control
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ZL40272 Datasheet(HTML) 13 Page - Microchip Technology

Back Button ZL40272 Datasheet HTML 9Page - Microchip Technology ZL40272 Datasheet HTML 10Page - Microchip Technology ZL40272 Datasheet HTML 11Page - Microchip Technology ZL40272 Datasheet HTML 12Page - Microchip Technology ZL40272 Datasheet HTML 13Page - Microchip Technology ZL40272 Datasheet HTML 14Page - Microchip Technology ZL40272 Datasheet HTML 15Page - Microchip Technology ZL40272 Datasheet HTML 16Page - Microchip Technology ZL40272 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 54 page
background image
2020 - 2021 Microchip Technology Inc. and its subsidiaries
DS20006408B-page 13
ZL40272
FIGURE 2-7:
Input Driven by AC-Coupled LVDS for vcm_sel = 0 and 1.
FIGURE 2-8:
Input Driven by an SSTL Output for vcm_sel = 1.
2.2
Clock Outputs
Differential outputs LVPECL, LVDS, and HCSL should have same termination as corresponding outputs described in
previous section.
The device is designed to drive differential input of semiconductor devices. In applications that use a transformer to con-
vert from the differential to the single-ended output (for example, driving an oscilloscope 50Ω input), a resistor larger
than 10Ω should be added at the center tap of the primary winding to achieve optimum jitter performance as shown in
Figure 2-9. This is to provide a nominal common mode impedance of 10Ω or higher, which is typical for differential ter-
minations.
FIGURE 2-9:
Driving a Load via Transformer.
2.3
Crystal Oscillator Input
The crystal oscillator circuit can work with crystal resonators from 8 MHz to 160 MHz. To be able support crystal reso-
nators with different characteristics, all internal components are programmable.
The load capacitors can be programmed from 0 pF to 21.75 pF (4 pF default) with resolution of 0.25 pF, which not only
meets load requirement for most crystal resonator but also allows for fine tuning of the crystal resonator frequency. The
amplifier gain can be adjusted in five steps and series resistor can be adjusted as parallel combination of seven different
resistors: 0Ω, 10.5Ω, 21Ω, 42Ω, 84Ω, 161Ω, and 312Ω. (84Ω default) Although the first resistor is 0Ω, the series resis-
tance RS will be slightly higher than 0Ω due to parasitic resistance of the switch that connects to the resistor. Hence, the
minimum series resistance is achieved when all seven resistors are connected in parallel. The shunt resistor is fixed
and its value is 500 kΩ.
MSCC Device
100
Z0 = 50
Z0 = 50
LVDS
10 nF
10 nF
VDD
VDD
VDD
VDD
RUP
RDWN
vcm_sel
0
1
1 k
1 k
590
3.3 k
RUP
RUP
RDWN
RDWN
120
120
120
120
Z0 = 60
Z0 = 60
SSTL
MSCC Device
VDD
VDD
VDD
VDD
Z0 = 50
Z0 = 50
LVPECL
200
10 nF
10 nF
200
VDD
24.9
50
Add resisto r to the grou nd or leave open
2 : 1
Z0 = 50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com