Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS5828M Datasheet(PDF) 52 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5828M
Description  TAS5828M 50-W Stereo, Digital Input, High Efficiency Closed-Loop Class-D Amplifier with Hybrid-Pro Algorithm
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5828M Datasheet(HTML) 52 Page - Texas Instruments

Back Button TAS5828M Datasheet HTML 48Page - Texas Instruments TAS5828M Datasheet HTML 49Page - Texas Instruments TAS5828M Datasheet HTML 50Page - Texas Instruments TAS5828M Datasheet HTML 51Page - Texas Instruments TAS5828M Datasheet HTML 52Page - Texas Instruments TAS5828M Datasheet HTML 53Page - Texas Instruments TAS5828M Datasheet HTML 54Page - Texas Instruments TAS5828M Datasheet HTML 55Page - Texas Instruments TAS5828M Datasheet HTML 56Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 97 page
background image
Table 8-13. PVDD_DROP_DETECTION_CTRL1 Register Field Descriptions (continued)
Bit
Field
Type
Reset
Description
3
PVDD_DROP_DET_State
_Control
R/W
0
This bit controls whether device automatically set into Hiz or still play
once PVDD drop detection happens.
0: The device keeps in play mode even PVDD drops configured
threshold
1: The device goes into Hiz once PVDD drops configured threshold
2-1
PVDD_DROP_DET_AVE_
SAMPLES
R/W
00
PVDD sense average samples for drop detection
This bit is used to set PVDD voltage sense average samples for drop
detection.
00: 1 sample - cycle by cycle, no average
01: 16 samples
10: 32 samples
11: 64 samples
0
PVDD_DROP_DET_Enabl
e
R/W
0
PVDD drop detection Enable
This bit controls enable or bypass PVDD drop detection.
0: Bypass PVDD drop detection
1: Enable PVDD drop detection
8.6.1.5 PVDD_DROP_DETECTION_CTRL2 Register (Offset = 5h) [reset = 0x44]
PVDD_DROP_DETECTION_CTRL2 is shown in Figure 8-18 and described in Table 8-14.
Return to Table 8-8.
Figure 8-18. PVDD_DROP_DETECTION_CTRL2 Register
7
6
5
4
3
2
1
0
PVDD Drop Detection Voltage Threshold
R/W
Table 8-14. PVDD_DROP_DETECTION_CTRL2 Register Field Descriptions
Bit
Field
Type
Reset
Description
7-0
PVDD Drop Detection
Voltage Threshold
R/W
00000000
This bit is used to set PVDD Drop Detection Threshold. The radio to
0xFFh equals to full scale voltage 30V. For example, 8V threshold:
8V/30V = 0x44h/0xFFh. PVDD Drop Threshold is configured as:
00: 0V
01: 0.117V
...
44: 8V
...
FF: 30V
8.6.1.6 I2C_PAGE_AUTO_INC Register (Offset = Fh) [reset = 0x00]
I2C_PAGE_AUTO_INC is shown in Figure 8-19 and described in Table 8-15.
Return to Table 8-8.
Figure 8-19. I2C_PAGE_AUTO_INC Register
7
6
5
4
3
2
1
0
RESERVED
PAGE_AUTOIN
C_REG
RESERVED
R/W
R/W
R/W
Table 8-15. I2C_PAGE_AUTO_INC Register Field Descriptions
Bit
Field
Type
Reset
Description
7-4
RESERVED
R/W
0000
This bit is reserved
TAS5828M
SLASEX7A – JUNE 2021 – REVISED DECEMBER 2021
www.ti.com
52
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TAS5828M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com