Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS5828M Datasheet(PDF) 72 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5828M
Description  TAS5828M 50-W Stereo, Digital Input, High Efficiency Closed-Loop Class-D Amplifier with Hybrid-Pro Algorithm
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5828M Datasheet(HTML) 72 Page - Texas Instruments

Back Button TAS5828M Datasheet HTML 68Page - Texas Instruments TAS5828M Datasheet HTML 69Page - Texas Instruments TAS5828M Datasheet HTML 70Page - Texas Instruments TAS5828M Datasheet HTML 71Page - Texas Instruments TAS5828M Datasheet HTML 72Page - Texas Instruments TAS5828M Datasheet HTML 73Page - Texas Instruments TAS5828M Datasheet HTML 74Page - Texas Instruments TAS5828M Datasheet HTML 75Page - Texas Instruments TAS5828M Datasheet HTML 76Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 97 page
background image
Figure 8-58. GLOBAL_FAULT2 Register
7
6
5
4
3
2
1
0
RESERVED
CBC_FAULT_C
H2_I
CBC_FAULT_C
H1_I
OTSD_I
R
R
R
R
Table 8-54. GLOBAL_FAULT2 Register Field Descriptions
Bit
Field
Type
Reset
Description
7-3
RESERVED
R
0000
This bit is reserved
2
CBC_FAULT_CH2_I
R
0
Right channel cycle by cycle over current fault
1
CBC_FAULT_CH1_I
R
0
Left channel cycle by cycle over current fault
0
OTSD_I
R
0
Over temperature shut down fault.
Once there is a OT fault, this bit is set to be 1. Class D output is set
to Hi-Z. Report by FAULT pin (GPIO). OV fault works with an auto-
recovery mode, once the OV error removes, device automatically
returns to the previous state.
Clear this fault by setting bit 7 of Section 8.6.1.51 to 1 or this bit
keeps 1.
8.6.1.46 WARNING Register (Offset = 73h) [reset = 0x00]
WARNING is shown in Figure 8-59 and described in Table 8-55.
Return to Table 8-8.
Figure 8-59. WARNING Register
7
6
5
4
3
2
1
0
RESERVED
CBCW_CH1_I
CBCW_CH2_I OTW_LEVEL4_
I
OTW_LEVEL3_
I
OTW_LEVEL2_
I
OTW_LEVEL1_
I
R
R
R
R
R
R
R
Table 8-55. WARNING Register Field Descriptions
Bit
Field
Type
Reset
Description
7-6
RESERVED
R
0
This bit is reserved
5
CBCW_CH1_I
R
0
Left channel cycle by cycle over current warning
4
CBCW_CH2_I
R
0
Right channel cycle by cycle over current warning
3
OTW_LEVEL4_I
R
0
Over temperature warning leve4, 146C
2
OTW_LEVEL3_I
R
0
Over temperature warning leve3, 134C
1
OTW_LEVEL2_I
R
0
Over temperature warning leve2, 122C
0
OTW_LEVEL1_I
R
0
Over temperature warning leve1, 112C
8.6.1.47 PIN_CONTROL1 Register (Offset = 74h) [reset = 0x00]
PIN_CONTROL1 is shown in Figure 8-60 and described in Table 8-56.
Return to Table 8-8.
Figure 8-60. PIN_CONTROL1 Register
7
6
5
4
3
2
1
0
MASK_OTSD
MASK_DVDD_
UV
MASK_DVDD_
OV
MASK_CLK_FA
ULT
RESERVED
MASK_PVDD_
UV
MASK_DC
MASK_OC
TAS5828M
SLASEX7A – JUNE 2021 – REVISED DECEMBER 2021
www.ti.com
72
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TAS5828M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com