Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS5828M Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5828M
Description  TAS5828M 50-W Stereo, Digital Input, High Efficiency Closed-Loop Class-D Amplifier with Hybrid-Pro Algorithm
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5828M Datasheet(HTML) 2 Page - Texas Instruments

  TAS5828M Datasheet HTML 1Page - Texas Instruments TAS5828M Datasheet HTML 2Page - Texas Instruments TAS5828M Datasheet HTML 3Page - Texas Instruments TAS5828M Datasheet HTML 4Page - Texas Instruments TAS5828M Datasheet HTML 5Page - Texas Instruments TAS5828M Datasheet HTML 6Page - Texas Instruments TAS5828M Datasheet HTML 7Page - Texas Instruments TAS5828M Datasheet HTML 8Page - Texas Instruments TAS5828M Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 97 page
background image
Table of Contents
1 Features............................................................................1
2 Applications..................................................................... 1
3 Description.......................................................................1
4 Revision History.............................................................. 2
5 Pin Configuration and Functions...................................3
6 Specifications.................................................................. 7
6.1 Absolute Maximum Ratings........................................ 7
6.2 ESD Ratings .............................................................. 7
6.3 Recommended Operating Conditions.........................7
6.4 Thermal Information....................................................7
6.5 Electrical Characteristics.............................................8
6.6 Timing Requirements ...............................................12
6.7 Typical Characteristics.............................................. 13
7 Parameter Measurement Information.......................... 27
8 Detailed Description......................................................28
8.1 Overview................................................................... 28
8.2 Functional Block Diagram......................................... 28
8.3 Feature Description...................................................28
8.4 Device Functional Modes..........................................35
8.5 Programming and Control.........................................40
8.6 Register Maps...........................................................48
9 Application and Implementation.................................. 75
9.1 Application Information............................................. 75
9.2 Typical Applications.................................................. 77
10 Power Supply Recommendations..............................81
10.1 DVDD Supply..........................................................81
10.2 PVDD Supply.......................................................... 81
11 Layout........................................................................... 83
11.1 Layout Guidelines................................................... 83
11.2 Layout Example...................................................... 85
12 Device and Documentation Support..........................87
12.1 Device Support....................................................... 87
12.2 Receiving Notification of Documentation Updates..87
12.3 Support Resources................................................. 87
12.4 Trademarks.............................................................87
12.5 Electrostatic Discharge Caution..............................88
12.6 Glossary..................................................................88
13 Mechanical, Packaging, and Orderable
Information.................................................................... 88
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision * (June 2021) to Revision A (December 2021)
Page
• Changed the document status from: Advanced Information to Producction data...............................................1
TAS5828M
SLASEX7A – JUNE 2021 – REVISED DECEMBER 2021
www.ti.com
2
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TAS5828M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com