Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS5828M Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5828M
Description  TAS5828M 50-W Stereo, Digital Input, High Efficiency Closed-Loop Class-D Amplifier with Hybrid-Pro Algorithm
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5828M Datasheet(HTML) 21 Page - Texas Instruments

Back Button TAS5828M Datasheet HTML 17Page - Texas Instruments TAS5828M Datasheet HTML 18Page - Texas Instruments TAS5828M Datasheet HTML 19Page - Texas Instruments TAS5828M Datasheet HTML 20Page - Texas Instruments TAS5828M Datasheet HTML 21Page - Texas Instruments TAS5828M Datasheet HTML 22Page - Texas Instruments TAS5828M Datasheet HTML 23Page - Texas Instruments TAS5828M Datasheet HTML 24Page - Texas Instruments TAS5828M Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 97 page
background image
6.7.3 Parallel Bridge Tied Load (PBTL) Configuration With BD Modulation
Free-air room temperature 25°C (unless otherwise noted). Measurements were made using Audio Precision
System 2722 with Analog Analyzer filter set to 20-kHz brickwall filter. All measurements taken with audio
frequency set to 1 kHz and device PWM frequency set to 384 kHz, 80 kHz Class D Amplifier Loop Bandwidth,
LC filter with 10 μH / 0.68 μF
(Post-Filter PBTL, the merging of the two output channels after the inductor
portion of the output filter, see details in Section 9.2.4
), unless otherwise noted.
Frequency (Hz)
0.001
0.002
0.005
0.01
0.02
0.05
0.1
0.2
0.5
1
2
5
10
100
1k
10k
20
20k
PVCC=12V
TA=25°C
RL=2
BD Modulation
PO=1W,2.5W,5W
FSW=384kHz
Load = 2
PBTL Mode
PO=1W
PO=2.5W
PO=5W
Figure 6-39. THD+N vs Frequency-PBTL
Frequency (Hz)
0.001
0.002
0.005
0.01
0.02
0.05
0.1
0.2
0.5
1
2
5
10
100
1k
10k
20
20k
PVCC=12V
TA=25°C
RL=4
BD Modulation
PO=1W,2.5W,5W
FSW=384kHz
Load = 4
PBTL Mode
PO=1W
PO=2.5W
PO=5W
Figure 6-40. THD+N vs Frequency-PBTL
Frequency (Hz)
0.001
0.002
0.005
0.01
0.02
0.05
0.1
0.2
0.5
1
2
5
10
100
1k
10k
20
20k
PVCC=18V
TA=25°C
RL=2
BD Modulation
PO=1W,2.5W,5W
FSW=384kHz
Load = 2
PBTL Mode
PO=1W
PO=2.5W
PO=5W
Figure 6-41. THD+N vs Frequency-PBTL
Frequency (Hz)
0.001
0.002
0.005
0.01
0.02
0.05
0.1
0.2
0.5
1
2
5
10
100
1k
10k
20
20k
PVCC=18V
TA=25°C
RL=4
BD Modulation
PO=1W,2.5W,5W
FSW=384kHz
Load = 4
PBTL Mode
PO=1W
PO=2.5W
PO=5W
Figure 6-42. THD+N vs Frequency-PBTL
Frequency (Hz)
0.001
0.002
0.005
0.01
0.02
0.05
0.1
0.2
0.5
1
2
5
10
100
1k
10k
20
20k
PVCC=24V
TA=25°C
RL=2
BD Modulation
PO=1W,2.5W,5W
FSW=384kHz
Load = 2
PBTL Mode
PO=1W
PO=2.5W
PO=5W
Figure 6-43. THD+N vs Frequency-PBTL
Frequency (Hz)
0.001
0.002
0.005
0.01
0.02
0.05
0.1
0.2
0.5
1
2
5
10
100
1k
10k
20
20k
PVCC=24V
TA=25°C
RL=4
BD Modulation
PO=1W,2.5W,5W
FSW=384kHz
Load = 4
PBTL Mode
PO=1W
PO=2.5W
PO=5W
Figure 6-44. THD+N vs Frequency-PBTL
www.ti.com
TAS5828M
SLASEX7A – JUNE 2021 – REVISED DECEMBER 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: TAS5828M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com