Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT8331 Datasheet(PDF) 7 Page - Analog Devices

Part # LT8331
Description  60V 2MHz Low-IQ Boost, SEPIC and Flyback Controller
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8331 Datasheet(HTML) 7 Page - Analog Devices

Back Button LT8331 Datasheet HTML 3Page - Analog Devices LT8331 Datasheet HTML 4Page - Analog Devices LT8331 Datasheet HTML 5Page - Analog Devices LT8331 Datasheet HTML 6Page - Analog Devices LT8331 Datasheet HTML 7Page - Analog Devices LT8331 Datasheet HTML 8Page - Analog Devices LT8331 Datasheet HTML 9Page - Analog Devices LT8331 Datasheet HTML 10Page - Analog Devices LT8331 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
LT8357
7
Rev. 0
For more information www.analog.com
PIN FUNCTIONS
VC: Error Amplifier Compensation. Place an external RC
network to compensate the control loop.
FB: Output Voltage Feedback Input. Tie this pin to a resis-
tor divider from the output to ground to set the output
regulation voltage. The FB pin is regulated to 1V during
normal operation.
PGOOD: Power Good Open Drain Output. The PGOOD
pin is pulled low when the FB pin is beyond ±8% of the
final regulation voltage. To function, the pin requires an
external pull-up resistor.
SS: Soft-Start Timer Setting. Connect a capacitor between
this pin and ground to set the output soft-start time. An
internal 15µA pull-up current charging the SS capacitor
gradually ramps up FB regulation voltage. UVLO or ther-
mal shutdown immediately pulls SS pin to ground and
stops switching.
RT: Switching Frequency Setting. Connect a resistor from
this pin to ground to set the internal oscillator frequency
from 100kHz to 2MHz.
SYNC/MODE: External Frequency Synchronization and
Operation Mode Selection. This pin allows five selectable
modes for optimization of performance:
1. External clock: For external frequency synchronization
and pulse-skipping mode at light load.
2. INTVCC: For spread spectrum frequency modulation
and pulse-skipping mode at light load.
3. Float: For internal oscillator frequency and pulse-
skipping mode at light load.
4. 100kΩ resistor to GND: For spread spectrum fre-
quency modulation and low-ripple Burst Mode at light
load.
5. GND: For internal oscillator frequency and low-ripple
Burst Mode at light load.
SENSE: Current Sense Comparator Input. Kelvin connect
this pin to the positive terminal of the current sense resis-
tor in the source of the bottom MOSFET. The negative
terminal of the current sense resistor should be connected
to ground plane close to the chip.
GATEP: MOSFET Gate Pull-Up Drive. Drives the gate of
N-Channel MOSFET with a voltage swing from ground to
INTVCC.
GATEN: MOSFET Gate Pull-Down Drive. Drives the gate
of N-Channel MOSFET with a voltage swing from ground
to INTVCC.
INTVCC: Internal 5V Linear Regulator Output. Supplied
from VIN pin, the INTVCC linear regulator powers internal
control circuitry and gate driver. Do not load the INTVCC
pin with external circuitry. Locally bypass this pin to
ground with a minimum 2.2µF ceramic capacitor.
EN/UVLO: Enable and Undervoltage Lockout. Force the
pin below 0.3V to shut down the part and reduce VIN qui-
escent current below 3µA. Force the pin above its accurate
enable threshold to enable the part. The accurate enable
threshold can be used to program an undervoltage lock-
out (UVLO) threshold with a resistor divider from VIN to
ground. If neither function is used, tie this pin to VIN.
VIN: Input Supply. The VIN pin is normally tied to the
power input supply or the boost converter output, and
supplies INTVCC linear regulator. Locally bypass this pin
to ground with a 0.1µF ceramic capacitor.
GND (Exposed Pad): Ground. Solder the exposed pad
directly to the ground plane.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com