Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT8331 Datasheet(PDF) 14 Page - Analog Devices

Part # LT8331
Description  60V 2MHz Low-IQ Boost, SEPIC and Flyback Controller
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8331 Datasheet(HTML) 14 Page - Analog Devices

Back Button LT8331 Datasheet HTML 10Page - Analog Devices LT8331 Datasheet HTML 11Page - Analog Devices LT8331 Datasheet HTML 12Page - Analog Devices LT8331 Datasheet HTML 13Page - Analog Devices LT8331 Datasheet HTML 14Page - Analog Devices LT8331 Datasheet HTML 15Page - Analog Devices LT8331 Datasheet HTML 16Page - Analog Devices LT8331 Datasheet HTML 17Page - Analog Devices LT8331 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 34 page
background image
LT8357
14
Rev. 0
For more information www.analog.com
INTVCC Regulator
An internal P-channel low dropout regulator produces
5V at the INTVCC pin from the VIN supply pin. The INTVCC
powers the internal circuitry and MOSFET gate driver in
the LT8357. The INTVCC regulator can supply a peak cur-
rent of 60mA (typical) and must be bypassed to ground
with a minimum of 2.2μF ceramic capacitor. Good local
bypass is necessary to supply the high transient current
required by the MOSFET gate driver.
Higher input voltage applications with large power
MOSFET being driven at higher switching frequencies
may cause the maximum junction temperature rating for
the LT8357 to be exceeded. The system supply current is
normally dominated by the gate charge current. Additional
external loading of the INTVCC also needs to be taken into
account for the power dissipation calculation. The total
LT8357 power dissipation in this case is VIN • IINTVCC, and
overall efficiency is lowered. The junction temperature can
be estimated by using the equation:
TJ = TA + PD • θJA
where θJA (in °C/W) is the package thermal resistance.
To prevent maximum junction temperature from being
exceeded, the input supply current must be checked when
operating in continuous mode at maximum VIN.
Duty Cycle Consideration
Switching duty cycle is a key variable defining converter
operation. As such, its limits must be considered. The
minimum on-time is the smallest time duration that the
LT8357 is capable of turning on the power MOSFET. In
each switching cycle, the LT8357 also keeps the power
MOSFET off for a minimum amount of time duration,
which is the minimum off-time. Both minimum on-time
and minimum off-time will increase as the switching
frequency decreases (see the Minimum/Maximum Duty
Cycle vs Oscillator Frequency in the Typical Performance
Characteristics section).
APPLICATIONS INFORMATION
The minimum on-time TMIN_ON_TIME and minimum off-
time TMIN_OFF_TIME and the switching frequency f define
the minimum and maximum switching duty cycles that
the converter is able to operate at:
Minimum Allowable Duty Cycle = TMIN_ON_TIME(MAX)• f(MAX)
MaximumAllowableDutyCycle=1−TMIN_OFF_TIME(MAX)•f(MAX)
Programming the Output Voltage and Thresholds
The LT8357 has a voltage feedback pin FB that can be
used to program its output regulation voltage. The output
voltage can be set by selecting the values of R3 and R4
(Figure 5) according to the following equation:
VOUT =1V•
R3+R4
R4
In addition, the FB pin voltage also determines output
overvoltage threshold and output power good thresholds.
For an application with small output capacitors, the output
voltage may excessively overshoot during load transient
event. Once the FB pin hits its overvoltage threshold
1.08V (typical), the LT8357 stops switching immediately
by turning off the power MOSFET. The output overvoltage
threshold is set with the equation:
VOUT(OVP) =1.08V•
R3+R4
R4
When the LT8357 is operating in Burst Mode, the current
flowing through the feedback resistor divider can easily
exceed the input quiescent current consumed by the part.
Therefore, high resistor values are preferred for R3 and
R4 to achieve high light-load efficiency.
R3
R4
FB
LT8357
GND
VOUT
8357 F05
Figure 5. Feedback Resistor Connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com