Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT8331 Datasheet(PDF) 11 Page - Analog Devices

Part # LT8331
Description  60V 2MHz Low-IQ Boost, SEPIC and Flyback Controller
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8331 Datasheet(HTML) 11 Page - Analog Devices

Back Button LT8331 Datasheet HTML 7Page - Analog Devices LT8331 Datasheet HTML 8Page - Analog Devices LT8331 Datasheet HTML 9Page - Analog Devices LT8331 Datasheet HTML 10Page - Analog Devices LT8331 Datasheet HTML 11Page - Analog Devices LT8331 Datasheet HTML 12Page - Analog Devices LT8331 Datasheet HTML 13Page - Analog Devices LT8331 Datasheet HTML 14Page - Analog Devices LT8331 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
LT8357
11
Rev. 0
For more information www.analog.com
OPERATION
When VOUT is very low during start-up or a short-circuit
fault on the output, the switching regulator must operate
at low duty cycle to maintain the power switch current
within the current limit range, since the inductor current
decay rate is very low during switch off time. The mini-
mum on-time limitation may prevent the switcher from
attaining a sufficiently low duty cycle at the programmed
switching frequency. Therefore, the switch current will
keep increasing through each switch cycle, exceed-
ing the programmed current limit. To prevent the peak
switch current from exceeding the programmed limit,
the LT8357 implements a frequency foldback function,
which starts to fold back the switching frequency as the
FB voltage drops below 75% of its regulation voltage
(see the Normalized Oscillator Frequency vs FB Voltage
in the Typical Performance Characteristics section). The
frequency foldback function prevents the inductor cur-
rent from exceeding the programmed limit because of
the minimum on-time. Once the frequency is folded back,
external clock synchronization, Burst Mode operation and
spread spectrum frequency modulation are all disabled to
prevent interference to the frequency foldback operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com