Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1621S/T&R Datasheet(PDF) 12 Page - Maxim Integrated Products

Part # DS1621S/T&R
Description  Digital Thermometer and
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1621S/T&R Datasheet(HTML) 12 Page - Maxim Integrated Products

Back Button DS1621S/T&R Datasheet HTML 8Page - Maxim Integrated Products DS1621S/T&R Datasheet HTML 9Page - Maxim Integrated Products DS1621S/T&R Datasheet HTML 10Page - Maxim Integrated Products DS1621S/T&R Datasheet HTML 11Page - Maxim Integrated Products DS1621S/T&R Datasheet HTML 12Page - Maxim Integrated Products DS1621S/T&R Datasheet HTML 13Page - Maxim Integrated Products DS1621S/T&R Datasheet HTML 14Page - Maxim Integrated Products DS1621S/T&R Datasheet HTML 15Page - Maxim Integrated Products DS1621S/T&R Datasheet HTML 16Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
DS1621
MEMORY FUNCTION EXAMPLE
Example: Bus master sets up DS1621 for continuous conversion and thermostatic function.
BUS MASTER
MODE
DS1621
MODE
DATA (MSB
FIRST)
COMMENTS
TX
RX
START
Bus Master initiates a START condition.
TX
RX
<address,0>
Bus Master sends DS1621 address; R/ W = 0.
RX
TX
ACK
DS1621 generates acknowledge bit.
TX
RX
ACh
Bus Master sends Access Config command protocol.
RX
TX
ACK
DS1621 generates acknowledge bit.
TX
RX
02h
Bus Master sets up DS1621 for output polarity active
high, continuous conversion.
RX
TX
ACK
DS1621 generates acknowledge bit.
TX
RX
START
Bus Master generates a repeated START condition.
TX
RX
<address,0>
Bus Master sends DS1621 address; R/ W = 0.
RX
TX
ACK
DS1621 generates acknowledge bit.
TX
RX
A1h
Bus Master sends Access TH command.
RX
TX
ACK
DS1621 generates acknowledge bit.
TX
RX
28h
Bus Master sends first byte of data for TH limit of
+40°C.
RX
TX
ACK
DS1621 generates acknowledge bit.
TX
RX
00h
Bus Master sends second byte of data for TH limit of
+40°C.
RX
TX
ACK
DS1621 generates acknowledge bit.
TX
RX
START
Bus Master generates a repeated START condition.
TX
RX
<address,0>
Bus Master sends DS1621 address; R/ W = 0.
RX
TX
ACK
DS1621 generates acknowledge bit.
TX
RX
A2h
Bus Master sends Access TL command.
RX
TX
ACK
DS1621 generates acknowledge bit.
TX
RX
0Ah
Bus Master sends first byte of data for TL limit of
+10°C.
RX
TX
ACK
DS1621 generates acknowledge bit.
TX
RX
00h
Bus Master sends second byte of data for TL limit of
+10°C.
RX
TX
ACK
DS1621 generates acknowledge bit.
TX
RX
START
Bus Master generates a repeated START condition.
TX
RX
<address,0>
Bus Master sends DS1621 address; R/ W = 0.
RX
TX
ACK
DS1621 generates acknowledge bit.
TX
RX
EEh
Bus Master sends Start Convert T command protocol.
RX
TX
ACK
DS1621 generates acknowledge bit.
TX
RX
STOP
Bus Master initiates STOP condition.
12 of 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com