Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1621S/T&R Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # DS1621S/T&R
Description  Digital Thermometer and
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1621S/T&R Datasheet(HTML) 2 Page - Maxim Integrated Products

  DS1621S/T&R Datasheet HTML 1Page - Maxim Integrated Products DS1621S/T&R Datasheet HTML 2Page - Maxim Integrated Products DS1621S/T&R Datasheet HTML 3Page - Maxim Integrated Products DS1621S/T&R Datasheet HTML 4Page - Maxim Integrated Products DS1621S/T&R Datasheet HTML 5Page - Maxim Integrated Products DS1621S/T&R Datasheet HTML 6Page - Maxim Integrated Products DS1621S/T&R Datasheet HTML 7Page - Maxim Integrated Products DS1621S/T&R Datasheet HTML 8Page - Maxim Integrated Products DS1621S/T&R Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
DS1621
ORDERING INFORMATION
ORDERING
NUMBER
PACKAGE
MARKING
DESCRIPTION
DS1621
DS1621
DS1621 in 300 mil DIP
DS1621+
DS1621 (See Note)
DS1621 in Lead-Free 300 mil DIP
DS1621S
DS1621
DS1621 in 150 mil SOIC
DS1621S+
DS1621 (See Note)
DS1621 in Lead-Free 150 mil SOIC
DS1621S/T&R
DS1621
DS1621 in 150 mil SO, 2500 Piece Tape-and-Reel
DS1621S+T&R DS1621 (See Note)
DS1621 in Lead-Free 150 mil SO, 2500 Piece Tape-and-Reel
DS1621V
DS1621V
DS1621 in 208 mil SOIC
DS1621V+
DS1621V (See Note) DS1621 in Lead-Free 208 mil SOIC
DS1621V/T&R DS1621V
DS1621 in 208 mil SO, 2500 Piece Tape-and-Reel
DS1621V+T&R DS1621V (See Note) DS1621 in Lead-Free 208 mil SO, 2500 Piece Tape-and-Reel
Note: A “+” symbol will also be marked on the package near the Pin 1 indicator.
Table 1. DETAILED PIN DESCRIPTION
PIN
SYMBOL
DESCRIPTION
1
SDA
Data input/output pin for 2-wire serial communication port.
2
SCL
Clock input/output pin for 2-wire serial communication port.
3
TOUT
Thermostat output. Active when temperature exceeds TH; will reset when
temperature falls below TL.
4
GND
Ground pin.
5
A2
Address input pin.
6
A1
Address input pin.
7
A0
Address input pin.
8
VDD
Supply voltage input power pin. (2.7V to 5.5V)
OPERATION
Measuring Temperature
A block diagram of the DS1621 is shown in Figure 1.
The DS1621 measures temperature using a bandgap-based temperature sensor. A delta-sigma analog-to-
digital converter (ADC) converts the measured temperature to a digital value that is calibrated in °C; for
°F applications, a lookup table or conversion routine must be used.
The temperature reading is provided in a 9-bit, two’s complement reading by issuing the READ
TEMPERATURE command. Table 2 describes the exact relationship of output data to measured
temperature. The data is transmitted through the 2-wire serial interface, MSB first. The DS1621 can
measure temperature over the range of -55°C to +125°C in 0.5°C increments.
2 of 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com