Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1621S/T&R Datasheet(PDF) 15 Page - Maxim Integrated Products

Part # DS1621S/T&R
Description  Digital Thermometer and
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1621S/T&R Datasheet(HTML) 15 Page - Maxim Integrated Products

Back Button DS1621S/T&R Datasheet HTML 8Page - Maxim Integrated Products DS1621S/T&R Datasheet HTML 9Page - Maxim Integrated Products DS1621S/T&R Datasheet HTML 10Page - Maxim Integrated Products DS1621S/T&R Datasheet HTML 11Page - Maxim Integrated Products DS1621S/T&R Datasheet HTML 12Page - Maxim Integrated Products DS1621S/T&R Datasheet HTML 13Page - Maxim Integrated Products DS1621S/T&R Datasheet HTML 14Page - Maxim Integrated Products DS1621S/T&R Datasheet HTML 15Page - Maxim Integrated Products DS1621S/T&R Datasheet HTML 16Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
DS1621
AC ELECTRICAL CHARACTERISTICS
(-55°C to +125°C; VDD = 2.7V to 5.5V)
PARAMETER
SYMBOL
CONDITION
MIN
TYP
MAX UNITS NOTES
Temperature
Conversion Time
TTC
750
ms
NV Write Cycle
Time
tWR
0°C to 70°C
4
10
ms
10
SCL Clock
Frequency
fSCL
Fast Mode
Standard Mode
0
0
400
100
KHz
Bus Free Time
Between a STOP
and START
Condition
tBUF
Fast Mode
Standard Mode
1.3
4.7
µs
Hold Time
(Repeated) START
Condition
tHD:STA
Fast Mode
Standard Mode
0.6
4.0
µs
5
Low Period of SCL
Clock
TLOW
Fast Mode
Standard Mode
1.3
4.7
µs
High Period of SCL
Clock
THIGH
Fast Mode
Standard Mode
0.6
4.0
µs
Setup Time for a
Repeated START
Condition
tSU:STA
Fast Mode
Standard Mode
0.6
4.7
µs
Data Hold Time
tHD:DAT
Fast Mode
Standard Mode
0
0
0.9
µs
6, 7
Data Setup Time
tSU:DAT
Fast Mode
Standard Mode
100
250
ns
8
Rise Time of Both
SDA and SCL
Signals
tR
Fast Mode
Standard Mode
20+0.1CB
300
1000
ns
9
Fall Time of both
SDA and SCL
Signals
tF
Fast Mode
Standard Mode
20+0.1CB
300
300
ns
9
Setup time for
STOP Condition
tSU:STO
Fast Mode
Standard Mode
0.6
4.0
µs
Capacitative Load
for each Bus Line
Cb
400
pF
All values referred to VIH=0.9 VDD and VIL=0.1 VDD.
AC ELECTRICAL CHARACTERISTICS
(-55°C to +125°C; VDD = 2.7V to 5.5V)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Input Capacitance
CI
5
pF
15 of 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com