Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1621S/T&R Datasheet(PDF) 14 Page - Maxim Integrated Products

Part # DS1621S/T&R
Description  Digital Thermometer and
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1621S/T&R Datasheet(HTML) 14 Page - Maxim Integrated Products

Back Button DS1621S/T&R Datasheet HTML 8Page - Maxim Integrated Products DS1621S/T&R Datasheet HTML 9Page - Maxim Integrated Products DS1621S/T&R Datasheet HTML 10Page - Maxim Integrated Products DS1621S/T&R Datasheet HTML 11Page - Maxim Integrated Products DS1621S/T&R Datasheet HTML 12Page - Maxim Integrated Products DS1621S/T&R Datasheet HTML 13Page - Maxim Integrated Products DS1621S/T&R Datasheet HTML 14Page - Maxim Integrated Products DS1621S/T&R Datasheet HTML 15Page - Maxim Integrated Products DS1621S/T&R Datasheet HTML 16Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
DS1621
Active Supply
Current
ICC
Temperature
Conversion
-55°C to +85°C
Temperature
Conversion
+85°C to +125°C
E2 Write
Communication
Only
1000
1250
400
110
µA
3, 4
Standby Supply
Current
ISTBY
1
µA
3, 4
Thermostat Output
(TOUT) Output
Voltage
VOH
1 mA Source
2.4
V
VOL
4 mA Sink
0.4
V
14 of 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com