Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS1130 Datasheet(PDF) 6 Page - ams AG

Part # AS1130
Description  132-LED Cross-Plexing Driver with Scrolling Function
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1130 Datasheet(HTML) 6 Page - ams AG

Back Button AS1130 Datasheet HTML 2Page - ams AG AS1130 Datasheet HTML 3Page - ams AG AS1130 Datasheet HTML 4Page - ams AG AS1130 Datasheet HTML 5Page - ams AG AS1130 Datasheet HTML 6Page - ams AG AS1130 Datasheet HTML 7Page - ams AG AS1130 Datasheet HTML 8Page - ams AG AS1130 Datasheet HTML 9Page - ams AG AS1130 Datasheet HTML 10Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 66 page
background image
Page 6
ams Datasheet
Document Feedback
[v2-01] 2016-Oct-12
AS1130 − Absolute Maximum R atings
Stresses beyond those listed in Absolute Maximum Ratings may
cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any
other conditions beyond those indicated in Electrical
Characteristics is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device
reliability.
Figure 6:
Absolute Maximum Ratings
Note(s):
1. The reflow peak soldering temperature (body temperature) is specified according IPC/JEDEC J-STD-020 “Moisture/Reflow Sensitivity
Classification for Nonhermetic Solid State Surface Mount Devices”.
Parameter
Min
Max
Units
Comments
Electrical Parameters
VDD to GND
-0.3
7
V
All other pins to GND
-0.3
7 or
VDD + 0.3
V
Sink Current
500
mA
Segment Current
100
mA
Input Current (latch-up
immunity)
-100
100
mA
JEDEC 78
Electrostatic Discharge
Electrostatic Discharge
(human body model)
±2
kV
MIL 883 E method 3015
Temperature Ranges and Storage Conditions
Junction Temperature
150
ºC
Storage Temperature
Range
-55
125
ºC
For 20-Pin WL-CSP
-55
150
ºC
For 28-pin SSOP/TSSOP
Package Body
Temperature
260
ºC
28-pin
SSOP/
TSSOP
IPC/JEDEC J-STD-020(1)The lead
finish for Pb-free leaded packages
is matte tin (100% Sn).
20-Pin
WL-CSP
IPC/JEDEC J-STD-020(1)
Relative Humidity
(non-condensing)
585
%
Moisture Sensitivity Level
1
20-Pin
WL-CSP
Represents an unlimited floor life
time
3
28-pin
SSOP/
TSSOP
Represents a max. floor life time of
168h
Absolute Maximum Ratings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com