Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS1130 Datasheet(PDF) 7 Page - ams AG

Part # AS1130
Description  132-LED Cross-Plexing Driver with Scrolling Function
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1130 Datasheet(HTML) 7 Page - ams AG

Back Button AS1130 Datasheet HTML 3Page - ams AG AS1130 Datasheet HTML 4Page - ams AG AS1130 Datasheet HTML 5Page - ams AG AS1130 Datasheet HTML 6Page - ams AG AS1130 Datasheet HTML 7Page - ams AG AS1130 Datasheet HTML 8Page - ams AG AS1130 Datasheet HTML 9Page - ams AG AS1130 Datasheet HTML 10Page - ams AG AS1130 Datasheet HTML 11Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 66 page
background image
ams Datasheet
Page 7
[v2-01] 2016-Oct-12
Document Feedback
AS1130 − Electrical Characteristics
VDD = 2.7V to 5.5V, typ. values are at TAMB = 25ºC (unless otherwise
specified). All limits are guaranteed. The parameters with min
and max values are guaranteed with production tests or SQC
(Statistical Quality Control) methods.
Figure 7:
Electrical Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
TAMB
Operating Temperature Range
-40
85
°C
TJ
Operating Junction
Temperature Range
-40
125
°C
VDD
Operating Supply Voltage
2.7
5.5
V
IDD
Operating Supply Current
All current sources
turned ON, @ VDD = 5.5V
340
mA
All current sources
turned OFF, @ VDD = 5.5V
0.5
IDDSSD
Software Shutdown Supply
Current
All digital inputs at VDD or
GND @ VDD = 5.5V
715
μA
IDDFSD
Full Shutdown Supply Current
Pin RSTN = 0V,
TAMB = 25ºC
0.1
1
μA
IDIGIT
Digit Drive Sink Current
(drive capability of all sources
of one digit(1))
360
mA
ISEG
Segment Drive Source Current
LED(2)
VOUT = 1.8V to
VDD-400mV
28
30
32
mA
ΔISEG
Segment Drive Current
Matching LED
1%
Device to Device Current
Matching LED
VOUT = 1.8V, VDD = 3.3V
1%
ILEAK
Leakage Output Current
All current sources OFF,
VOUT = 0V, VDD = 5.5V,
TAMB = 25ºC
0.005
0.5
μA
ΔILNR
Line Regulation
VOUT = 1.8V
0.25
%/V
ΔILDR
Load Regulation
VOUT = 1.8V to
VDD-400mV
0.25
%/V
VDSSAT
Saturation Voltage
Current = 30mA,
VDD = 3.3V
200
mV
RDSON(N)
Resistance for NMOS
0.3
1
W
Electrical Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com