Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS1130 Datasheet(PDF) 1 Page - ams AG

Part # AS1130
Description  132-LED Cross-Plexing Driver with Scrolling Function
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1130 Datasheet(HTML) 1 Page - ams AG

  AS1130 Datasheet HTML 1Page - ams AG AS1130 Datasheet HTML 2Page - ams AG AS1130 Datasheet HTML 3Page - ams AG AS1130 Datasheet HTML 4Page - ams AG AS1130 Datasheet HTML 5Page - ams AG AS1130 Datasheet HTML 6Page - ams AG AS1130 Datasheet HTML 7Page - ams AG AS1130 Datasheet HTML 8Page - ams AG AS1130 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 66 page
background image
ams Datasheet
Page 1
[v2-01] 2016-Oct-12
Document Feedback
AS1130
132-LED Cross-Plexing Driver with
Scrolling Function
The AS1130 is a compact LED driver for 132 single LEDs. The
devices can be programmed via an I²C compatible interface.
The AS1130 offers a 12x11 LED-matrix with 1/12 cycle rate. The
required lines to drive all 132 LEDs are reduced to 12 by using
the cross-plexing feature optimizing space on the PCB. The
whole LED-matrix driving 132 LEDs can be analog dimmed from
0mA to 30mA in 256 steps (8 bit).
Additionally each of the 132 LEDs can be dimmed individually
with 8-bit allowing 256 steps of linear dimming. To reduce CPU
usage up to 6 frames can be stored with individual time delays
between frames to play small animations automatically.
The AS1130 operates from 2.7V to 5.5V and features a very low
shutdown and operational current.
The device offers a programmable IRQ pin. Via a register it can
be set on what event (CP_Request, Interface Timeout,
Error-detection, POR, End of Frame or End of Movie) the IRQ is
triggered.
Also hardware scroll function is implemented in the AS1130.
The device is available in an ultrasmall 20-Pin WL-CSP and an
easy to solder 28-pin SSOP/TSSOP package.
Ordering Information and Content Guide appear at end of
datasheet.
Key Benefits & Features
The benefits and features of AS1130, 132-LED Cross-Plexing
Driver with Scrolling Function are listed below:
Figure 1:
Added Value of Using AS1130
Benefits
Features
• Worlds lowest PCB real estate vs LED count
• Up to 132 LEDs in a 12x11 matrix
• 16.7M full color matrix with white balance
• 8-bit PWM per LED and current control per line
• Reduces MCU load and increases battery
lifetime
• 36 frames of memory with scrolling option
• Identifies defect LEDs and “removes” them
from the matrix
• Error detection and correction
General Description


Similar Part No. - AS1130

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1130 AMSCO-AS1130 Datasheet
5Mb / 39P
132-LED Cross-Plexing Dr iver wi th scrol l ing Funct ion
logo
ams-OSRAM AG
AS1130 AMSOSRAM-AS1130 Datasheet
2Mb / 67P
132-LED Cross-Plexing Driver with Scrolling Function
2016-Oct-12
logo
ams AG
AS1130-BSST AMSCO-AS1130-BSST Datasheet
5Mb / 39P
132-LED Cross-Plexing Dr iver wi th scrol l ing Funct ion
logo
ams-OSRAM AG
AS1130-BSST AMSOSRAM-AS1130-BSST Datasheet
2Mb / 67P
132-LED Cross-Plexing Driver with Scrolling Function
2016-Oct-12
AS1130-BTST AMSOSRAM-AS1130-BTST Datasheet
2Mb / 67P
132-LED Cross-Plexing Driver with Scrolling Function
2016-Oct-12
More results

Similar Description - AS1130

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCF8833 PHILIPS-PCF8833 Datasheet
469Kb / 112P
STN RGB - 132 X 132 X 3 driver
2003 Feb 14
PCF8881 PHILIPS-PCF8881 Datasheet
73Kb / 11P
132 x 132 RGB single chip TFT driver with DC-to-DC converter
2004 Aug 10
logo
Fairchild Semiconductor
FL7701MX FAIRCHILD-FL7701MX Datasheet
3Mb / 13P
Smart LED Lamp Driver IC with PFC Function
logo
ams AG
AS1119 AMSCO-AS1119 Datasheet
3Mb / 31P
144-LED Cross-Plexing Driver with 320mA Charge-Pump
AS1130 AMSCO-AS1130 Datasheet
5Mb / 39P
132-LED Cross-Plexing Dr iver wi th scrol l ing Funct ion
logo
Tontek Design Technolog...
TT1628 TONTEK-TT1628 Datasheet
617Kb / 14P
LED Driver with Key Scan Function
TT1668 TONTEK-TT1668 Datasheet
617Kb / 14P
LED Driver with Key Scan Function
logo
LAPIS Semiconductor Co....
ML9058E LAPIS-ML9058E Datasheet
439Kb / 76P
132-Channel LCD Driver
logo
Cherry Semiconductor Co...
M-5400 CHERRY-M-5400 Datasheet
70Kb / 2P
Easy scrolling with PowerWheel
logo
ON Semiconductor
FL7701 ONSEMI-FL7701 Datasheet
2Mb / 15P
Smart LED Lamp Driver IC with PFC Function
June 2013 Rev. 1.0.4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com