Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS1130 Datasheet(PDF) 5 Page - ams AG

Part # AS1130
Description  132-LED Cross-Plexing Driver with Scrolling Function
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1130 Datasheet(HTML) 5 Page - ams AG

  AS1130 Datasheet HTML 1Page - ams AG AS1130 Datasheet HTML 2Page - ams AG AS1130 Datasheet HTML 3Page - ams AG AS1130 Datasheet HTML 4Page - ams AG AS1130 Datasheet HTML 5Page - ams AG AS1130 Datasheet HTML 6Page - ams AG AS1130 Datasheet HTML 7Page - ams AG AS1130 Datasheet HTML 8Page - ams AG AS1130 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 66 page
background image
ams Datasheet
Page 5
[v2-01] 2016-Oct-12
Document Feedback
AS1130 − Pin Assignment
B3
3, 10, 18, 19, 26
VDD
Positive Supply Voltage. Connect to a +2.7V to
+5.5V supply. Bypass this pin with 10μF
capacitance to GND.
D4
12
SYNC
Synchronization Clock Input or Output. The
SYNC frequency for Input and Output is 1MHz.
For SYNC_OUT the frequency can be reduced to
32kHz.
D5
11
IRQ
Interrupt Request. Programmable Open drain
digital Output. It can be set via an register after
which event (Interface Timeout, POR, CP_
Request, Error Detection, End of Frame or End of
Movie) the pin triggers an Interrupt Request.
A1, A2, A4, A5,
B1, B2, B4, B5,
C1, C2, C4, C5
25, 27, 2, 4,
23, 24, 5, 6,
21, 20, 9, 8
CS0, CS1, CS6, CS7,
CS2, CS3, CS8, CS9,
CS4, CS5, CS10, CS11
Sinks and Sources for 132 LEDs.
Pin Number
Pin Name
Description
20-Pin
WL-CSP
28-Pin
SSOP /
TSSOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com