Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS3418-EWLT Datasheet(PDF) 72 Page - ams AG

Part # AS3418-EWLT
Description  Low Noise ANC Solution
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3418-EWLT Datasheet(HTML) 72 Page - ams AG

Back Button AS3418-EWLT Datasheet HTML 68Page - ams AG AS3418-EWLT Datasheet HTML 69Page - ams AG AS3418-EWLT Datasheet HTML 70Page - ams AG AS3418-EWLT Datasheet HTML 71Page - ams AG AS3418-EWLT Datasheet HTML 72Page - ams AG AS3418-EWLT Datasheet HTML 73Page - ams AG AS3418-EWLT Datasheet HTML 74Page - ams AG AS3418-EWLT Datasheet HTML 75Page - ams AG AS3418-EWLT Datasheet HTML 76Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 77 page
background image
Document Feedback
AS3418
Application Information
Datasheet
• PUBLIC
DS000507
• v4-00 • 2020-Jan-23
77
│ 72
Figure 96:
Full Slider Operation Mode
– Application Example
8.2
External Components
This chapter provides detailed information about recommended external components.
Figure 97:
Useful Caption
Symbol
Parameter
Temp.
Characteristic
Min.
Rated
Voltage
Max.
Tolerance
Min. Nominal
Capacitance /
Resistance
Recommended typ.
Component Value
Capacitors
CVBAT
Input Capacitor
Y5R; X5R
4V
±20%
1.6µF
4.7µF
CFLY
VNEG charge pump
flying capacitor
Y5R; X5R
4V
±20%
0.97µF
2.2µF
CACR, CACL
AC coupling capacitor
Y5R; X5R
4V
±10%
5.6µF
10µF
CVNEG
Output Capacitor
Y5R; X5R
4V
±20%
3.4µF
10µF
VBAT
GND
GND
R9
22k
R10
1M
OFF ON
MON
R8
22k
4.7µF
C5
2.2µF
C6
GND
VBAT
3
1
2
L
R
GND
U2
Music Line Input
AGND
MIC1
Left ANC MIC
2k2
R1
4.7µF
C9
4.7µF
C12
GND
MICS
AGND
1uF
C3
10uF
C4
AGND
MIC2
Right ANC MIC
2k2
R6
MICS
1uF
C13
AGND
10uF
C11
AGND
2k2
R7
AGND
2k2
R2
AGND
150
R3
150
R4
AGND
AGND
4.7µF
C7
4.7µF
C8
VBAT
A6
CPP
C4
BPR
B1
HPR
B2
CPN
B4
LINR
B5
LINL
B6
HPL
D2
MICS
E4
BPL
D1
MSUP
E5
TRSDA
D4
TRSCL
D6
AGND
D5
MICL
E3
MICR
A3
AS3418
WL-CSP
U1
VN EG
10µF
C1
GND
2.2µF
C2
GND
VN EG
MICS
AGND
AGND
Speaker Left
Speaker Right
Left
ANC
Filter
Right
ANC
Filter
VBAT
R5
10k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com