Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS3418-EWLT Datasheet(PDF) 12 Page - ams AG

Part # AS3418-EWLT
Description  Low Noise ANC Solution
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3418-EWLT Datasheet(HTML) 12 Page - ams AG

Back Button AS3418-EWLT Datasheet HTML 8Page - ams AG AS3418-EWLT Datasheet HTML 9Page - ams AG AS3418-EWLT Datasheet HTML 10Page - ams AG AS3418-EWLT Datasheet HTML 11Page - ams AG AS3418-EWLT Datasheet HTML 12Page - ams AG AS3418-EWLT Datasheet HTML 13Page - ams AG AS3418-EWLT Datasheet HTML 14Page - ams AG AS3418-EWLT Datasheet HTML 15Page - ams AG AS3418-EWLT Datasheet HTML 16Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 77 page
background image
Document Feedback
AS3418
Functional Description
Datasheet
• PUBLIC
DS000507
• v4-00 • 2020-Jan-23
77
│ 12
6
Functional Description
This section provides a detailed description of the device related components.
6.1
Audio Line Input
The chip features one stereo line input for music playback. In monitor mode the line inputs can also be
muted in order to interrupt the music playback and increase speech intelligibility.
Figure 7:
Stereo Line Input
If there is a high pass function desired in an application, to block very low frequencies that could harm
the speaker or eliminate little offset voltages, a series capacitor CLIN can support this function. The
implementation is shown in Figure 7. The correct capacitor value for the desired cut-off frequency can
be calculated with the following formula:
Equation 1:
���������������� =
1
2 ∗ ���� ∗ ���������������� ∗ ����������������−������������
A typical cut-off frequency in an audio application is 20Hz. With an input impedance RLIN of typ. 1k
Ω
and a desired cut off frequency of 20Hz the input capacitor should be bigger than 8µF. Therefore a
typical value of 10µF is recommended.
6.1.1
Parameter
VBAT=1.65V, TA= 25ºC unless otherwise specified.
to left
headphone
amplifier
MUTE
to right
headphone
amplifier
MUTE
Music Left
LINL
Music Right
LINR
RLIN
RLIN
CLIN
CLIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com