Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS3418-EWLT Datasheet(PDF) 3 Page - ams AG

Part # AS3418-EWLT
Description  Low Noise ANC Solution
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3418-EWLT Datasheet(HTML) 3 Page - ams AG

  AS3418-EWLT Datasheet HTML 1Page - ams AG AS3418-EWLT Datasheet HTML 2Page - ams AG AS3418-EWLT Datasheet HTML 3Page - ams AG AS3418-EWLT Datasheet HTML 4Page - ams AG AS3418-EWLT Datasheet HTML 5Page - ams AG AS3418-EWLT Datasheet HTML 6Page - ams AG AS3418-EWLT Datasheet HTML 7Page - ams AG AS3418-EWLT Datasheet HTML 8Page - ams AG AS3418-EWLT Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 77 page
background image
Document Feedback
AS3418
General Description
Datasheet
• PUBLIC
DS000507
• v4-00 • 2020-Jan-23
77
│ 3
1
General Description
The AS3418 speaker driver with Ambient Noise Cancelling function for headsets, headphones or ear
pieces. They are intended to improve quality of e.g. music listening, a phone conversation etc. by
reducing background ambient noise.
The fully analog implementation allows the lowest power consumption, lowest system BOM cost and
most natural received voice enhancement otherwise difficult to achieve with DSP implementations.
The device is designed to be easily applied to existing architectures.
An internal EEPROM can be optionally used to store the microphones gain calibration settings. The
AS3418 can be used in different configurations for best trade-off of noise cancellation, required
filtering functions and mechanical designs.
The AS3418 targeting feed-forward topology is used to effectively reduce frequencies typically up to 2-
3 kHz. The typical bandwidth for a feed-forward system is from 20Hz up to 3 kHz which is lower than
the feed-forward systems.
The filter loop for the system is determined by measurements, for each specific headset individually,
and depends very much on mechanical designs. The gain and phase compensation filter network is
implemented with cheap resistors and capacitors for lowest system costs.
1.1
Key Benefits & Features
The benefits and features of AS3418, Low Noise ANC Solution, are listed below:
Figure 1:
Added Value of Using AS3418
Benefits
Features
Low Noise Floor
Low Noise Amplifiers
Integrated Music Bypass Switch
Depletion mode transistors for passive music
bypass
Smallest ANC form factor
WL-CSP package 2.645mm x 2.545mm; 0.4mm
pitch
Reprogrammable ANC settings
EEPROM Memory for system settings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com