Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS3418-EWLT Datasheet(PDF) 13 Page - ams AG

Part # AS3418-EWLT
Description  Low Noise ANC Solution
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3418-EWLT Datasheet(HTML) 13 Page - ams AG

Back Button AS3418-EWLT Datasheet HTML 9Page - ams AG AS3418-EWLT Datasheet HTML 10Page - ams AG AS3418-EWLT Datasheet HTML 11Page - ams AG AS3418-EWLT Datasheet HTML 12Page - ams AG AS3418-EWLT Datasheet HTML 13Page - ams AG AS3418-EWLT Datasheet HTML 14Page - ams AG AS3418-EWLT Datasheet HTML 15Page - ams AG AS3418-EWLT Datasheet HTML 16Page - ams AG AS3418-EWLT Datasheet HTML 17Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 77 page
background image
Document Feedback
AS3418
Functional Description
Datasheet
• PUBLIC
DS000507
• v4-00 • 2020-Jan-23
77
│ 13
Figure 8:
Parameter of Line Input
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VLIN
Input Signal Level
VBAT*
0.9
VBAT
VPEAK
RLIN
Input Impedance
1
k
Ω
AMUTE
Mute Attenuation
100
dB
6.2
Microphone Inputs
The AS3418 offers two low noise microphone inputs with full digital control and a dedicated DC offset
cancellation pin for each microphone input. In total each gain stage offers up to 63 gain steps of 0.5dB
resulting in a gain range from 0dB to +31dB. The microphone gain is stored digitally during production,
in an EEPROM memory on the ANC chip. Besides the standard microphone gain register for left and
right channel, the chip features also four additional microphone gain registers for Monitor- and
Playback Only operation mode. Thus, in Monitor/Playback Only mode, a completely different gain
setting for left and right microphone can be selected to implement voice filter functions in order to
amplify the speech band for better intelligibility.
Figure 9:
Stereo Microphone Inputs
To avoid unwanted start-up pop noise, a soft-start function is implemented for an automatic gain
ramping of the device. In case of an overload condition on the microphone input (e.g. high sound
pressure level) there is also an automatic gain control (AGC) function available which reduces the gain
to a moderate level. For some designs it might be useful to switch off this feature. Especially in feed-
back systems infrasound can cause an overload condition of the microphone preamplifier that results
in low frequency noise which can be avoided by disabling the AGC.
MUTE
MUTE
AGC
MICL
MICR
MICACL
MICACR
QMICL
QMICR
AGC
DISCHARGE
DISCHARGE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com