Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS3610 Datasheet(PDF) 7 Page - ams AG

Part # AS3610
Description  Swi tching Charger for Li -Ion/LiPo/LiFePO4 powered devices
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3610 Datasheet(HTML) 7 Page - ams AG

Back Button AS3610 Datasheet HTML 3Page - ams AG AS3610 Datasheet HTML 4Page - ams AG AS3610 Datasheet HTML 5Page - ams AG AS3610 Datasheet HTML 6Page - ams AG AS3610 Datasheet HTML 7Page - ams AG AS3610 Datasheet HTML 8Page - ams AG AS3610 Datasheet HTML 9Page - ams AG AS3610 Datasheet HTML 10Page - ams AG AS3610 Datasheet HTML 11Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
www.austriamicrosystems.com/Battery-Chargers/AS3610
1.01
6 - 25
AS3610/11
Datasheet - E l e c t r i c a l C h a r a c t e r i s t i c s
VRESUME
Resume voltage
VTHRESHOLD = VCHARGE - VRESUME
120
mV
RPMOS
Resistance of PMOS switch
300
m
Ω
RNMOS
Resistance of NMOS switch
300
m
Ω
fOSC
Switching frequency
2.7
3.0
3.3
MHz
DMAX
Maximum duty cycle
Smooth transition. No skipmode.
100
%
TMIN
Minimum ON time of PMOS
Minimum ON time of PMOS. Below this
value, transition to pulseskip mode
60
nsec
ICOIL
Coil current limit
1.7
A
Boost Mode Parameter
VBOOST
VBUS regulated voltage in boost
mode
4.9
5.05
5.2
V
IBOOST
Boost current
2.7<VBAT<4.5 (boost_lowcurr=1)
200
mA
IHBOOST
Boost current (high current mode)
3.2<VBAT<4.5 (boost_lowcurr=0)
500
mA
ICOIL
Coil current limit
0.75
1.5
A
ISU
Stepup no load current on VBAT
VBAT=4.2V
700
µA
Thermal Limitation
TREG
Thermal current regulation for charger
mode
110
°C
TSHDOWN
Thermal shutdown limit
140
°C
NTC Charging Temperature Range
VBATTEMP_ON
Battery Temperature high level
(50 or 55 ºC) NTCbeta = 4200
ntc_temp=0
500 or
400
mV
VBATTEMP_OFF
Battery Temperature low level
(45 or 50 ºC) NTCbeta = 4200
ntc_temp=1
600 or
500
mV
IBATTEMP
NTC Bias Current
100k
Ω NTC
-14%
15
+14%
A
IBATTEMP
NTC Bias Current
10k
Ω NTC
-10%
150
+10%
A
IO characteristics
VIL
SCL/CHG_DET, SDA/OTG_BOOST,
USB500, XEN
Low Level input voltage
-0.3
0.4
V
VIH
SCL/CHG_DET, SDA/OTG_BOOST,
USB500, XEN
High Level input voltage
1.4
VBAT
V
Table 3. Operating Conditions
Symbol
Parameter
Notes
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com