Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS3610 Datasheet(PDF) 11 Page - ams AG

Part # AS3610
Description  Swi tching Charger for Li -Ion/LiPo/LiFePO4 powered devices
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3610 Datasheet(HTML) 11 Page - ams AG

Back Button AS3610 Datasheet HTML 7Page - ams AG AS3610 Datasheet HTML 8Page - ams AG AS3610 Datasheet HTML 9Page - ams AG AS3610 Datasheet HTML 10Page - ams AG AS3610 Datasheet HTML 11Page - ams AG AS3610 Datasheet HTML 12Page - ams AG AS3610 Datasheet HTML 13Page - ams AG AS3610 Datasheet HTML 14Page - ams AG AS3610 Datasheet HTML 15Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
www.austriamicrosystems.com/Battery-Chargers/AS3610
1.01
10 - 25
AS3610/11
Datasheet - D e t a i l e d D e s c r i p t i o n
Figure 14. Detailed Block Diagram
8.1.2
Charging Cycle Description
8.1.2.1
Charge adapter detection
The charger uses an integrated detection circuit to determine if an external charge adapter has been applied to the VBUS pin. If the VBUS
voltage exceeds the battery voltage at pin VBUS by VCHDET the ChDet bit in the ChargerStatus1 register will be set. That detection de-bounce
time is approx. 300msec for rising ChDet and approx. 30msec for falling ChDet signal (debounce_timer=00b).
8.1.2.2
Low current soft charging
When the charger is detected and enabled (chg_en=1), no stop charging condition is active and the battery voltage is below VSOFT, the charging
cycle is started with soft_charging. In that mode the charger is acting as a linear charger down to VBAT. With a current of ISOFT
8.1.2.3
(Trickle) Pre-charging
If the battery voltage exceeds VSOFT, but is below VTRICKLE, and the bit prechg_en is set, the trickle charging is started.
In that mode the charging current is defined by the external resistor on pin I_TERM or the input current limit if e.g. 100mA input current limit is
active.
8.1.2.4
Constant current charging
If the battery voltage is above VTRICKLE and below VEOC (or above VSOFT if prechg_en=0) the charging current is defined by the resistor on pin
I_SET. In addition the current can be reduced by I2C with the register setting of constcurr. (AS3610 only)
8.1.2.5
Constant voltage charging
Constant voltage charge mode is initiated, if the battery voltage has reached the VEOC threshold.
The charge current is monitored during constant voltage charging. It will be decreasing from its initial value during constant current charging and
eventually drop below the value set by the resistor on pin I_TERM. If the measured charge current is less than or equal to ITERM, the charging
cycle is terminated and EOC is set. The termination current may be reduce by a factor of 2 by setting the eoccurr bit to 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com