Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS3610 Datasheet(PDF) 8 Page - ams AG

Part # AS3610
Description  Swi tching Charger for Li -Ion/LiPo/LiFePO4 powered devices
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3610 Datasheet(HTML) 8 Page - ams AG

Back Button AS3610 Datasheet HTML 4Page - ams AG AS3610 Datasheet HTML 5Page - ams AG AS3610 Datasheet HTML 6Page - ams AG AS3610 Datasheet HTML 7Page - ams AG AS3610 Datasheet HTML 8Page - ams AG AS3610 Datasheet HTML 9Page - ams AG AS3610 Datasheet HTML 10Page - ams AG AS3610 Datasheet HTML 11Page - ams AG AS3610 Datasheet HTML 12Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
www.austriamicrosystems.com/Battery-Chargers/AS3610
1.01
7 - 25
AS3610/11
Datasheet - Ty p i c a l O p e r a t i n g C h a r a c t e r i s t i c s
7 Typical Operating Characteristics
CVBAT=10 F, CVBUS=10 F, L=1 H,
Figure 3. USB Current (100mA limit)
Figure 4. USB Current (500mA limit)
USB current (100mA limit)
0
0,02
0,04
0,06
0,08
0,1
0,12
2,5
2,7
2,9
3,1
3,3
3,5
3,7
3, 9
4,1
4,3
VBAT [V]
VUSB=4.5V, Iusb=100mA
VUSB=5.5V, Iusb=100mA
VUSB=6.5V, Iusb=100mA
USB current (500m A limit)
0
0,1
0,2
0,3
0,4
0,5
0,6
2,5
2,7
2,9
3,1
3,3
3,5
3,7
3,9
4,1
4,3
VBAT [V]
VUSB=4.5V, Iusb=500mA
VUSB=5.5V, Iusb=500mA
VUSB=6.5V, Iusb=500mA
Figure 5. Current into Battery (100mA limit)
Figure 6. Current into Battery (500mA limit)
Battery current (100mA IUSB limit)
0
0,05
0,1
0,15
0,2
0,25
0,3
2,5
2,7
2,9
3,1
3,3
3,5
3,7
3, 9
4,1
4,3
VBAT [V]
VUSB=4.5V, Iusb=100mA
VUSB=5.5V, Iusb=100mA
VUSB=6.5V, Iusb=100mA
Battery current (500mA IUSB limit)
0
0,1
0,2
0,3
0,4
0,5
0,6
0,7
0,8
0,9
2,5
2,7
2,9
3,1
3,3
3,5
3,7
3,9
4,1
4,3
VBAT [V]
VUSB=4.5V, Iusb=500mA
VUSB=5.5V, Iusb=500mA
VUSB=6.5V, Iusb=500mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com