Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS3610 Datasheet(PDF) 20 Page - ams AG

Part # AS3610
Description  Swi tching Charger for Li -Ion/LiPo/LiFePO4 powered devices
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3610 Datasheet(HTML) 20 Page - ams AG

Back Button AS3610 Datasheet HTML 16Page - ams AG AS3610 Datasheet HTML 17Page - ams AG AS3610 Datasheet HTML 18Page - ams AG AS3610 Datasheet HTML 19Page - ams AG AS3610 Datasheet HTML 20Page - ams AG AS3610 Datasheet HTML 21Page - ams AG AS3610 Datasheet HTML 22Page - ams AG AS3610 Datasheet HTML 23Page - ams AG AS3610 Datasheet HTML 24Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 26 page
background image
www.austriamicrosystems.com/Battery-Chargers/AS3610
1.01
19 - 25
AS3610/11
Datasheet - D e t a i l e d D e s c r i p t i o n
8.6
Register Overview
Table 8. Register table
Register
dec
hex
Default
b7
b6
b5
b4
b3
b2
b1
b0
ChargerControl1
0
0h
E1h
No_bat_d
et
disable_to
ff
prechg_en
usb_current<2:0>
Boost_en
Chg_en
Charger Voltage
Control
1
1h
63h
Vchg_min
Veoc
Charger Current
Control
2
2h
10h
deb_timer
en_pon
boost_low
curr
constcurr
eoccurr
NTC supervision
3
3h
01h
ntc_temp
ntc_10k
ntc_on
Charger
supervision
4
4h
4Ah
stat_mode
charging_t
max
ch_timeout
ChargerStatus1
5
5h
NA
NoBat
Battemp_
hi
EOC
CVM
Trickle
Resume
CCM
ChDet
ChargerStatus2
6
6h
NA
bat_prech
g
Boost_err Boost_act
UVLBus
OVBus
LowBus
OVBat
LowBat
ASIC_ID1
62
3Eh
1
1
0
0
1
0
1
1
ASIC_ID2
63
3Fh
0
1
0
1
revision



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com