Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PD69101 Datasheet(PDF) 6 Page - Microchip Technology

Part # PD69101
Description  1-Port PSE PoE Controller Datasheet
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PD69101 Datasheet(HTML) 6 Page - Microchip Technology

Back Button PD69101 Datasheet HTML 2Page - Microchip Technology PD69101 Datasheet HTML 3Page - Microchip Technology PD69101 Datasheet HTML 4Page - Microchip Technology PD69101 Datasheet HTML 5Page - Microchip Technology PD69101 Datasheet HTML 6Page - Microchip Technology PD69101 Datasheet HTML 7Page - Microchip Technology PD69101 Datasheet HTML 8Page - Microchip Technology PD69101 Datasheet HTML 9Page - Microchip Technology PD69101 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
1.1.1
Line Detection Generator
Upon request from the main control module, four different voltage levels are generated by the line detection
generator, ensuring robust AF/AT line detection functionality.
1.1.2
Classification Generator
Upon request from the main control module, the state machine applies a regulated class event and mark event
voltage to the ports, as required by the IEEE standard.
1.1.3
Current Limiter
This circuit continuously monitors the current of powered ports and limits the current to a specific value, according
to the pre-defined limits set by AF/AT and current_set pins. In cases where the current exceeds this specific level,
the system starts measuring the elapsed time. If this time period is greater than a preset threshold, the port is
disconnected.
1.1.4
Main MOSFET
Main power switching FET, used to control PoE current into the load.
1.1.5
Analog-to-Digital Converter (ADC)
A 10-bit analog-to-digital converter, used to convert analog signals into digital registers for the logic control module.
1.1.6
Power-on Reset (POR)
This circuit monitors the internal 3.3 VDC levels. If this voltage drops below specific thresholds, a reset signal is
generated and the PD69101s are reset.
1.1.7
Voltage Regulator
The voltage regulator generates 3.3 VDC and 5 VDC for the internal circuitry. These voltages are derived from the
VMAIN supply.
1.1.8
CLK
CLK is an internal 8 MHz clock oscillator.
1.2
Application Information
The PD69101 performs IEEE 802.3af and IEEE 802.3at functionality as well as legacy (capacitor) and Cisco PD
detection, in addition to protections such as short circuit and dV/dT protection upon startup.
1.2.1
Line Detection
The line detection feature detects a valid AF or AT load, as specified in the AF/AT standard. The resistor value should
range from 19 KΩ to 26.5 KΩ. Line detection is based on four different voltage levels generated over the PD (the
load), as shown in the following figure.
PD69101
Functional Description
© 2021 Microchip Technology Inc.
and its subsidiaries
Datasheet
DS00004280A-page 6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com