Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PD69101 Datasheet(PDF) 7 Page - Microchip Technology

Part # PD69101
Description  1-Port PSE PoE Controller Datasheet
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PD69101 Datasheet(HTML) 7 Page - Microchip Technology

Back Button PD69101 Datasheet HTML 3Page - Microchip Technology PD69101 Datasheet HTML 4Page - Microchip Technology PD69101 Datasheet HTML 5Page - Microchip Technology PD69101 Datasheet HTML 6Page - Microchip Technology PD69101 Datasheet HTML 7Page - Microchip Technology PD69101 Datasheet HTML 8Page - Microchip Technology PD69101 Datasheet HTML 9Page - Microchip Technology PD69101 Datasheet HTML 10Page - Microchip Technology PD69101 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
Figure 1-2. Typical PoE Voltage Timing Diagram
1.2.2
Legacy (Capacitor) Detection
In cases where pin 24 is set to 0, the PD69101's detection mechanism is configured to detect and power-up legacy
PDs, as well as AF/AT compliant. This mechanism also detects and powers up Cisco legacy PDs.
1.2.3
Classification
The classification process takes place right after the resistor detection, is successfully completed. The main goal of
the classification process is to detect the PD class, as specified in the IEEE802.3af and IEEE 802.3at standards. In
IEEE 802.3af mode, the classification mechanism is based on a single voltage level (single class event). In IEEE
802.3at mode, the classification mechanism is based on two voltage levels (dual class event) as defined in IEEE
802.3at 2009. In IEEE 802.3at mode, when the PD is class 0–3, the PD69101 generates a single class event. When
the PD is class 4, the PD69101 generates two class events.
1.2.4
Port Start Up
Upon a successful detection and classification process, power is applied to the load through a controlled start-up
mechanism. During this period, current is limited to 425 mA for a typical duration of 65 mS, which enables the PD
load to charge and enter a steady state power condition.
1.2.5
Over-Load Detection and Port Shut Down
After power-up, the PD69101 automatically initializes its internal protection mechanisms to monitor and disconnect
power from the load in cases where extreme conditions (such as over-current or short port terminal scenarios) occur,
as specified in the IEEE 802.3af/at standard.
1.2.6
Disconnect Detection
The PD69101 supports the DC disconnect function as per the IEEE 802.3af/at standard. This mechanism
continuously monitors the load current and disconnects power in cases where the load current is below 7.5 mA
(typical) for more than 322 mS.
1.2.7
Overtemperature Protection
The PD69101 has internal temperature sensors that continuously monitor junction temperature and disconnect load
power when the junction temperature exceeds 200 °C. This mechanism protects the device from extreme events
such as high ambient temperature or other thermo-mechanical failures that might damage the PD69101 device.
1.2.8
VMAIN Out-of-Range Protection
The PD69101 automatically disconnects port power when VMAIN exceeds 57.5 VDC ±0.5 VDC. This is an extremely
valuable feature that protects the load, if the main power source is faulty or damaged.
PD69101
Functional Description
© 2021 Microchip Technology Inc.
and its subsidiaries
Datasheet
DS00004280A-page 7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com