Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PD69101 Datasheet(PDF) 1 Page - Microchip Technology

Part # PD69101
Description  1-Port PSE PoE Controller Datasheet
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PD69101 Datasheet(HTML) 1 Page - Microchip Technology

  PD69101 Datasheet HTML 1Page - Microchip Technology PD69101 Datasheet HTML 2Page - Microchip Technology PD69101 Datasheet HTML 3Page - Microchip Technology PD69101 Datasheet HTML 4Page - Microchip Technology PD69101 Datasheet HTML 5Page - Microchip Technology PD69101 Datasheet HTML 6Page - Microchip Technology PD69101 Datasheet HTML 7Page - Microchip Technology PD69101 Datasheet HTML 8Page - Microchip Technology PD69101 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
PD69101
1-Port PSE PoE Controller Datasheet
Introduction
Microchip's PD69101 device is a single-port, mixed-signal, and high-voltage Power over Ethernet (PoE) driver.
It is utilized in Ethernet switches and enables the network devices to share power and data over the same
cable. It enables detection of IEEE® 802.3af-2003 compliant powered devices (PDs) and IEEE 802.3at high-power
devices, ensuring safe power feeding and disconnection of ports, with full digital control and a minimum of external
components. A plug-and-play device, the PD69101 executes all real-time functions as specified in the IEEE
802.3af-2003 (AF) and IEEE 802.3at high-power (AT) standards, including load detection, AF and AT classification,
and multiple classification attempts (MCA).
Integrating power, analog, and state-of-the-art logic, the PD69101 fits into a single 24-pin plastic QFN package. The
chip includes built-in internal thermal protection, and two LEDs provide port state and port type (AF/AT) indication.
PD69101 device offer the following important features.
• Designed to detect and disable disconnected ports, utilizing DC disconnection methods as specified in the AF
and IEEE802.3 af/at standards.
• Low-power device using an internal 0.34Ω MOSFET and an external 0.5Ω sense resistor.
• Optionally detects legacy/pre-standard PD devices.
• Provides overload, underload, overvoltage, overtemperature, and short-circuiting PD protection.
• Supports supply voltages ranging from 32V to 57 VDC with no need for additional power supply sources.
© 2021 Microchip Technology Inc.
and its subsidiaries
Datasheet
DS00004280A-page 1


Similar Part No. - PD69101

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
PD69100 MICROSEMI-PD69100 Datasheet
210Kb / 5P
PoE Controller Unit
Rev. 1.1, Dec. 2010
PD69104B1 MICROSEMI-PD69104B1 Datasheet
2Mb / 36P
4-Port PoE Manager
March 2018
PD69104B1/F MICROSEMI-PD69104B1/F Datasheet
2Mb / 36P
4-Port PoE Manager
March 2018
PD69104B1ILQ-TR MICROSEMI-PD69104B1ILQ-TR Datasheet
2Mb / 36P
4-Port PoE Manager
March 2018
PD69108 MICROSEMI-PD69108 Datasheet
898Kb / 17P
8 PORTS PSE POE MANAGER
More results

Similar Description - PD69101

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4270 LINER-LTC4270 Datasheet
616Kb / 32P
12-Port PoE/PoE/LTPoE PSE Controller
LTC4270 LINER-LTC4270_12 Datasheet
389Kb / 32P
12-Port PoE/PoE/LTPoE PSE Controller
LTC4290 LINER-LTC4290 Datasheet
336Kb / 32P
8-Port PoE/PoE PSE Controller
LTC4270 LINER-LTC4270_15 Datasheet
403Kb / 32P
12-Port PoE/PoE/LTPoE PSE Controller
LTC4271 LINER-LTC4271_15 Datasheet
403Kb / 32P
12-Port PoE/PoE/LTPoE PSE Controller
LTC4290 LINER-LTC4290_15 Datasheet
413Kb / 32P
8-Port PoE/PoE/LTPoE PSE Controller
LTC4279 LINER-LTC4279 Datasheet
473Kb / 10P
Single Port PoE/PoE/LTPoE PSE Controller
logo
Microchip Technology
PD69201 MICROCHIP-PD69201 Datasheet
483Kb / 29P
1-Port PSE PoE Manager
2021
PD39210 MICROCHIP-PD39210 Datasheet
638Kb / 22P
PoE PSE Controller
2020
PD69210 MICROCHIP-PD69210 Datasheet
485Kb / 21P
PoE PSE Controller Datasheet
2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com